データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PE-5GZ-R

  • AI
    The **W2PE-5GZ-R** is a specific part number typically associated with high-frequency, precision electronic components, most commonly identified as a **high-frequency coaxial switch** or a **high-speed interconnect** used in microwave and RF applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Overview This component is designed for high-performance signal routing. It is primarily utilized in environments requiring minimal signal loss at high frequencies (up to the 5 GHz range or higher, depending on the specific series). | Feature | Specification Details | | :--- | :--- | | **Component Type** | RF Coaxial Switch / Connector Assembly | | **Frequency Range** | DC to 5.0 GHz+ | | **Impedance** | 50 Ohms (Standard RF) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (depending on footprint) | | **Contact Material** | Gold-plated copper alloy (for high conductivity) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Internal Parts and Construction The "Electronic Parts" within this assembly are engineered for signal integrity: ### A. Housing / Shell The outer body is usually made of a zinc alloy or high-performance thermoplastic. This acts as a **Faraday cage**, protecting the internal signal from Electromagnetic Interference (EMI). ### B. Dielectric Insulator Located between the center pin and the outer shell. It is often made of **PTFE (Teflon)** or high-frequency LCP (Liquid Crystal Polymer) to ensure a low dielectric constant and low loss tangent. ### C. Internal Switching Mechanism (If RF Switch) * **Mechanical Spring:** Provides the tension for the "Normally Closed" state. * **Contact Points:** Precision-engineered to ensure low "Insertion Loss" and high "Return Loss" (VSWR). --- ## 3. Application Use-Cases The W2PE-5GZ-R is typically found in the following electronic systems: 1. **Mobile Communication:** Used in smartphones or tablets for antenna switching and testing. 2. **RF Testing:** Acts as a probe point for automated test equipment (ATE) to measure PCB signal quality without soldering. 3. **Wireless Modules:** Integrated into Wi-Fi 5/6 and 5G sub-6GHz modules for signal routing between the internal circuit and external antennas. --- ## 4. Key Performance Metrics When evaluating this part for a circuit design, engineers look at three primary factors: * **Insertion Loss:** How much signal power is lost as it passes through the part (lower is better). * **VSWR (Voltage Standing Wave Ratio):** Measures how much signal is reflected back (ideally close to 1:1). * **Durability:** The number of mating cycles (insertion/extraction) the part can survive before the gold plating wears off or the spring loses tension. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capability of the W2PE-5GZ-R?
    • ⤷ How does the insertion loss of this part compare to standard SMA connectors?
    • ⤷ Is this part compatible with automated pick-and-place assembly lines?