データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-12YN-R

  • AI
    The **W2PP-12YN-R** is a specific electronic component, typically identifying as a **Push-Button Switch** or a **Tactile Switch** (commonly part of industrial or consumer control series). Based on the standard nomenclature for these types of electromechanical components, here is a detailed breakdown of its parts and specifications. --- ### 1. Component Overview The W2PP-12YN-R is a panel-mount or PCB-mount push-button switch characterized by its specific color coding (Yellow) and its contact configuration. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Momentary Push Button Switch | | **Contact Form** | SPST (Single Pole Single Throw) | | **Voltage Rating** | 12V - 24V DC (Typical) | | **Current Rating** | 50mA to 3A (Depends on specific sub-series) | | **Color Indicator** | Yellow (indicated by "Y") | | **Termination Style** | Pin / Solder Terminal | | **RoHS Status** | Compliant (indicated by "R") | --- ### 3. Key Electronic & Mechanical Parts #### A. The Actuator (The Button) * **Material:** Usually high-temp thermoplastic or polycarbonate. * **Color:** Yellow (**Y** in the part number). * **Function:** The physical interface that the user presses to close or open the circuit. #### B. Contact Mechanism * **Material:** Silver-plated or Gold-plated copper alloy. * **Operation:** Most "W2PP" models are **Momentary**, meaning the circuit is only active while the button is held down. * **Tactile Feedback:** Contains a metal dome or internal spring that provides a "click" sensation and ensures the button returns to its original position. #### C. Housing / Body * **Insulation:** Made of non-conductive plastic (usually PBT or Nylon) to prevent short circuits between the terminals and the mounting panel. * **Mounting:** Designed for either "Snap-in" mounting or "Nut-and-Thread" panel mounting. #### D. Terminals * **Material:** Solder-plated brass. * **Configuration:** These are the exit points where wires or PCB traces are connected to integrate the switch into a larger electronic system. --- ### 4. Part Number Breakdown (Nomenclature) | Code Segment | Meaning | | :--- | :--- | | **W2PP** | Series designation (Waterproof/Dustproof or specific form factor) | | **12** | Size / Diameter (likely 12mm mounting hole) | | **Y** | Color: **Yellow** | | **N** | Function: Usually denotes **Normally Open (NO)** contact | | **R** | Compliance: **RoHS** Lead-free compliant | --- ### 5. Common Applications * **Industrial Control Panels:** As reset buttons or mode selectors. * **Consumer Electronics:** Power buttons or interface toggles. * **Automotive:** Interior auxiliary controls. * **Medical Devices:** Simple user-input triggers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2PP series?
    • ⤷ Is the W2PP-12YN-R rated for waterproof (IP67) applications?
    • ⤷ How do I wire this switch in a Normally Open configuration?