データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-12YN-R2

  • AI
    The **W2PP-12YN-R2** is a specific type of industrial wiring component, typically classified as a **Relay Terminal Block** or a **Connector Terminal Unit**. These parts are designed to bridge the gap between high-density PLC (Programmable Logic Controller) outputs and field devices. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics associated with this part series: | Feature | Specification | | :--- | :--- | | **Part Type** | Relay Terminal Block / Interface Module | | **Number of Points** | 12 Channels/Points | | **Input Voltage** | Typically 24V DC (Standard for PLC logic) | | **Output Type** | Relay Contact (usually SPST - Single Pole Single Throw) | | **Mounting Type** | DIN Rail Mounting | | **Connection Type** | Screw or Push-in terminals for field wiring | --- ### 2. Core Electronic Components The internal architecture of the W2PP-12YN-R2 consists of several critical electronic stages: 1. **Isolation Relays:** The "R2" designation often implies the use of physical electromagnetic relays. These provide **galvanic isolation** between the sensitive PLC control circuit and the higher-power field load (valves, motors, or lamps). 2. **LED Status Indicators:** Each channel features a Light Emitting Diode (LED). This allows technicians to visually verify if a specific output signal is active without using a multimeter. 3. **Protection Diodes (Flyback Diodes):** To protect the driving transistor in the PLC, these modules include diodes that suppress the "inductive kickback" generated when a relay coil is de-energized. 4. **Common Busbar:** The "YN" configuration often refers to a "Common" wiring setup (Negative or Positive common), reducing the amount of wiring needed by jumping one side of the power supply across all 12 points. --- ### 3. Application Use-Case The W2PP-12YN-R2 acts as a protective buffer. In an industrial control cabinet, it serves the following purposes: * **Signal Amplification:** A PLC might only output 100mA, while a solenoid valve requires 2A. The relay on this board handles the higher current. * **Voltage Conversion:** It allows a 24V DC PLC signal to switch a 110V/220V AC load. * **Ease of Maintenance:** If a relay fails due to a short circuit in the field, you can replace the module or the individual relay rather than replacing an expensive PLC output card. --- ### 4. Wiring Diagram Concept ```yaml [PLC Output] ----> [W2PP Terminal Input] ----> [Internal Relay Coil] ----> [Ground] | (Switching Contact) | [Power Source] ----> [Common Terminal] --------+----[Load Device] ----> [Neutral/Return] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum contact current rating for the W2PP-12YN-R2?
    • ⤷ Is the relay in this module replaceable or soldered to the PCB?
    • ⤷ How does the 'YN' wiring configuration differ from a 'YP' configuration?