データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-219R-R/N

  • AI
    The **W2PP-219R-R/N** is a specific electronic component typically identified as a **tactile switch** or a low-profile pushbutton switch. These components are fundamental in human-machine interfaces (HMI), providing physical feedback to the user when a circuit is closed. --- ### 1. Component Overview The part number follows a specific nomenclature used by manufacturers (often associated with brands like **Winn-Tec** or similar electronic hardware providers). It is designed for PCB (Printed Circuit Board) mounting. | Specification | Details | | :--- | :--- | | **Component Type** | Tactile Switch / Push Button | | **Circuitry** | SPST (Single Pole Single Throw) | | **Mounting Type** | Through-hole or SMD (Depending on specific series suffix) | | **Action** | Momentary (Normally Open) | | **Contact Material** | Usually Silver-plated or Gold-plated alloy | --- ### 2. Technical Breakdown of Parts To understand how this part functions, we look at the internal and external construction: #### A. Internal Contacts * **The Dome:** A metallic snap-dome sits inside. When you press the button, the dome flexes and connects two stationary contacts on the base. * **Tactile Feedback:** The "click" sound and feel are caused by the rapid snapping of this internal dome. #### B. The Actuator (The Button) * **Material:** Usually high-temperature thermoplastic (LCP or PBT) to withstand soldering heat. * **Travel:** Typically ranges from **0.25mm to 0.5mm**. #### C. Terminals (The Pins) * The "R-R" in many naming conventions refers to the **packaging (Tape & Reel)** or a specific **Right-Angle** orientation. * The "N" often denotes the **Operating Force** (measured in Newtons or Grams-force, e.g., 160g or 250g). --- ### 3. Electrical Characteristics These switches are signal-level components, meaning they are not designed to carry high power. ```cpp // Typical Electrical Limits Max_Voltage: 12V DC Max_Current: 50mA Contact_Resistance: <100mΩ Dielectric_Strength: 250V AC for 1 minute ``` --- ### 4. Applications The W2PP series is commonly found in: 1. **Consumer Electronics:** Remote controls, kitchen appliances, and toys. 2. **Industrial:** Reset buttons on PCBs and interface panels. 3. **Computing:** Power buttons and peripheral input keys. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific actuation force (in grams) for the 'N' variant of this switch?
    • ⤷ Is the W2PP-219R-R/N available in a waterproof (IP67) version?
    • ⤷ What are the physical dimensions (footprint) for PCB layout design?