データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-221R-R2SLASHN

  • AI
    The **W2PP-221R-R2/N** (often stylized as W2PP-221R-R2\N) is a specialized electronic component, typically classified as a **Power Inductor** or a **Common Mode Choke**, frequently utilized in high-density power management circuits and automotive electronics. ### 1. Component Specifications Below are the typical technical parameters associated with this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor / Filter | | **Inductance** | 220 µH (indicated by '221') | | **Tolerance** | ±20% (Standard) | | **Current Rating** | High Current Capacity | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown The alphanumeric code follows a specific manufacturer nomenclature (common for brands like Welwyn or specific Asian magnetics manufacturers): * **W2PP**: Series designation, often referring to a specific core material (like Ferrite) or wire-wound construction. * **221**: Inductance value code. The first two digits (22) are the value, and the third (1) is the multiplier ($10^1$). Thus, $22 \times 10 = 220$ µH. * **R**: Often indicates the tolerance or decimal placement (usually "R" represents a decimal point in some systems, but here it often denotes the "RoHS" compliance or a specific winding style). * **R2**: Refers to the physical size/package dimensions (Case size). * **N**: Indicates the packaging type (e.g., Tape and Reel) or a lead-free finish. --- ### 3. Key Electronic Functions This part is engineered for the following roles in a circuit: 1. **Noise Suppression:** Acting as a filter to prevent Electromagnetic Interference (EMI) from entering or leaving the power supply. 2. **Energy Storage:** Used in DC-DC converters to store energy in the magnetic field during the switching cycle. 3. **Current Smoothing:** Reduces ripple current in power lines to provide a stable voltage to sensitive ICs. ### 4. Typical Applications * **Automotive Systems:** Infotainment and ECU power filtering. * **Industrial Power Supplies:** Switch-mode power supplies (SMPS). * **Consumer Electronics:** Laptop power adapters and high-efficiency LED drivers. --- ### 5. Schematic Symbol Example In a circuit diagram, this component is represented as an inductor: ```text L1 ---(uuuu)--- 220 µH ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the R2 case size for this component?
    • ⤷ Can this part be used in high-frequency switching applications above 1MHz?
    • ⤷ What is the saturation current (Isat) for the W2PP series?