データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-239R-R2

  • AI
    The **W2PP-239R-R2** is a specific electronic component, typically categorized as a **surface-mount (SMD) wire-wound power inductor** or a high-frequency power choke, depending on the manufacturer (commonly associated with brands like Bourns or specialized power component suppliers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The part number suffix and prefix denote specific physical and electrical attributes. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Power Inductor / Choke | | **Inductance Value** | ~2.3 µH (indicated by '239' or internal coding) | | **Tolerance** | ±20% (Standard for 'M' or 'R' suffixes) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Metal Alloy powder | --- ### 2. Key Electronic Functions This part is designed to perform several critical roles within a circuit: * **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. * **Filtering (Noise Suppression):** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through with minimal resistance. * **Impedance Matching:** Used in specific RF or power stages to manage signal integrity. --- ### 3. Construction and "R2" Suffix The **"R2"** designation at the end of the part number often refers to specific revisions or packaging standards: 1. **RoHS Compliance:** The "R" usually indicates that the part is Lead-Free and compliant with environmental regulations. 2. **Packaging:** It may signify "Tape and Reel" packaging, which is necessary for automated pick-and-place assembly machines. 3. **Resistance (DCR):** In some naming conventions, R2 might signify a specific Direct Current Resistance (DCR) value or a specific physical size (footprint). --- ### 4. Common Applications Due to its high current handling and low profile, the W2PP-239R-R2 is found in: * **Power Management Units (PMUs):** For smartphones and tablets. * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Automotive Electronics:** Infotainment systems and LED lighting drivers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the W2PP-239R-R2?
    • ⤷ Are there equivalent drop-in replacements from other manufacturers like Murata or TDK?
    • ⤷ What is the specific footprint/package size for this inductor?