データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-32YN-R

  • AI
    The **W2PP-32YN-R** is a specific electronic component, typically identified as a **high-density, micro-pitch connector** or a specialized **flexible printed circuit (FPC) connector** often used in automotive or industrial instrumentation. Below is a detailed breakdown of its electronic parts and specifications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Feature | Specification Details | | :--- | :--- | | **Pin Count** | 32 Pins (32Y designation) | | **Pitch** | Typically 0.5mm or 1.0mm (depending on the specific series) | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Contact Material** | Phosphor Bronze or Copper Alloy | | **Plating** | Gold (R-suffix often indicates Gold plating or Reel packaging) | | **Voltage Rating** | 50V - 125V AC/DC | | **Current Rating** | 0.5A per contact | --- ## 2. Structural Components The W2PP-32YN-R consists of several integrated electronic parts: ### A. Housing (Insulator) * **Material:** High-temperature Liquid Crystal Polymer (LCP) or Polyamide (Nylon). * **Function:** Provides mechanical support and electrical isolation between the 32 pins. It is designed to withstand Reflow Soldering temperatures (up to 260°C). ### B. Contact Terminals * **Design:** These are the conductive paths. In this specific model, they are usually "dual-contact" or "top-contact" designs. * **Mechanism:** They use a spring-like tension to maintain a secure electrical connection with the FPC or mating cable. ### C. Actuator (Locking Lever) * **Type:** Flip-lock or Slide-lock mechanism. * **Purpose:** Ensures the inserted cable stays in place and maintains consistent contact pressure across all 32 positions. ### D. Solder Tabs (Bosses) * **Function:** Metal tabs on the sides of the connector that are soldered to the PCB. These provide "strain relief," preventing the connector from being ripped off the board during cable insertion. --- ## 3. Application Use-Cases This component is commonly found in environments where space is limited but high-signal density is required: 1. **Automotive Infotainment:** Connecting LCD screens to the main control board. 2. **Industrial Handhelds:** Linking internal sensors to a microprocessor. 3. **Consumer Electronics:** Used in high-end cameras or thin-profile laptops. --- ## 4. Soldering Footprint Example If you are designing a PCB for this part, the footprint typically follows this logic: ```c // Example Pad Layout Concept [Pad 1] [Pad 2] [Pad 3] ... [Pad 32] | | | | [--- 0.5mm Pitch Spacing ---] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the W2PP-32YN-R?
    • ⤷ Is this part compatible with automated pick-and-place assembly?
    • ⤷ What are the recommended storage conditions for the gold-plated contacts?