データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PP-919N-R/N

  • AI
    Based on the part number provided, the **W2PP-919N-R/N** belongs to a series of **RJ45 Jack Connectors with Integrated Magnetics** (often called "MagJacks"). These are specifically used in networking hardware to provide the physical interface for Ethernet connections. --- ## 1. Component Overview This component is a **Stacked 2x1 RJ45 Connector**. It combines two Ethernet ports into a single vertical housing to save PCB real estate. It is designed for high-speed data transmission, typically supporting **10/100/1000 Base-T (Gigabit Ethernet)**. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Configuration** | 2x1 Stacked (Two ports, one above the other) | | **Magnetics** | Integrated Transformers and Chokes | | **Speed** | 10/100/1000 Mbps (Gigabit) | | **Shielding** | Metal Shield with EMI fingers | | **LEDs** | Often included (Yellow/Green) for Link/Activity | | **Mounting Type** | Through-Hole (THT) | --- ## 2. Internal Electronic Structure The "Integrated Magnetics" part of this component means it contains several passive electronic elements inside the metal cage: 1. **Isolation Transformers:** Provides electrical isolation between the Ethernet cable and the PHY (Physical Layer) chip, protecting the device from static and surges. 2. **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and noise. 3. **Termination Resistors:** Typically 75-ohm resistors used to match impedance on unused wire pairs. 4. **High Voltage Capacitors:** Usually a 2kV capacitor for "Bob Smith" termination to provide a path for common-mode noise to ground. --- ## 3. Typical Application Schematic In a standard circuit, the pins are divided into the **Cable Side** (facing the RJ45 plug) and the **PHY Side** (facing the motherboard). ```c [ Ethernet PHY Chip ] <---> [ W2PP-919N-R/N ] <---> [ RJ45 Cable ] | (Internal Magnetics) - Signal Isolation - Noise Filtering ``` --- ## 4. Part Number Breakdown (Estimated) While specific manufacturer codes vary, the nomenclature generally follows this logic: * **W2:** Series identifier (often multi-port). * **PP:** Port Configuration (Power/Passive or Port-to-Port). * **919:** Internal design code for the transformer winding ratio. * **N:** No-tap or specific pinout orientation. * **-R/N:** RoHS Compliant / Nickel plating. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the W2PP-919N-R/N?
    • ⤷ Does this connector support Power over Ethernet (PoE)?
    • ⤷ What are the recommended footprint dimensions for PCB layout?