データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PV-C1AB-R2

  • AI
    The **W2PV-C1AB-R2** is a specific part number typically associated with high-performance cooling solutions, most commonly identified as a **DC Axial Fan** manufactured by **Nidec** (or under their Servo brand). These fans are engineered for high-density servers, telecommunications, and industrial equipment requiring high static pressure. --- ### 1. Technical Specifications The table below outlines the general electronic and mechanical characteristics of the W2PV series: | Parameter | Typical Specification | | :--- | :--- | | **Input Voltage** | 12V DC | | **Operating Voltage Range** | 7.0V to 13.2V | | **Current Rating** | High Amperage (typically 3.0A - 5.0A range) | | **Bearing Type** | Dual Ball Bearing | | **Speed (RPM)** | High Speed (15,000+ RPM) | | **Control Interface** | 4-Wire (PWM Control + Tachometer/FG Signal) | | **Material** | Plastic (PBT) Frame and Impeller | --- ### 2. Key Electronic Components & Features #### A. 4-Wire Pulse Width Modulation (PWM) The "C1AB" designation usually refers to the wiring configuration. * **Red/Black:** Power (VCC) and Ground (GND). * **Yellow/Blue (Tachometer):** Provides a frequency output proportional to the fan speed, allowing the system to monitor if the fan is spinning. * **Control Wire:** Allows the motherboard or controller to adjust the RPM dynamically using PWM signals, balancing noise and cooling efficiency. #### B. Brushless DC (BLDC) Motor The fan utilizes a 3-phase or single-phase BLDC motor. Unlike brushed motors, these use an integrated circuit (IC) to switch the magnetic field, which: * Reduces electronic noise (EMI). * Significantly extends the lifespan of the component. * Prevents mechanical wear of brushes. #### C. Built-in Protection Circuitry The internal PCB of the W2PV-C1AB-R2 includes several safety features: 1. **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the motor coils from burning out. 2. **Reverse Polarity Protection:** Prevents damage if the DC leads are connected incorrectly. 3. **Soft Start:** Gradually ramps up the current to prevent power spikes on the system bus. --- ### 3. Application Use Cases Due to its high RPM and power draw, this part is used in environments where air resistance is high: * **Server Chassis:** High-density 1U or 2U rack servers. * **Network Switches:** Cooling for high-speed routing hardware. * **Power Supplies:** Industrial-grade AC/DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 4-wire connector on this fan?
    • ⤷ Can this fan be used with a standard 3-pin motherboard header?
    • ⤷ What are the CFM and Static Pressure ratings for the W2PV-C1AB-R2?