データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PV-C1AB-R2SLASHQ

  • AI
    The part number **W2PV-C1AB-R2/Q** refers to a high-performance **Brushless DC (BLDC) Motor Driver/Controller**, typically manufactured by suppliers like **Nidec** or integrated into specific industrial motion control systems. Below is a breakdown of the electronic components and technical specifications associated with this series. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Brushless DC (BLDC) Motor Driver | | **Input Voltage** | Typically 24V DC (Standard Range 20-28V) | | **Phase Output** | 3-Phase PWM Drive | | **Control Interface** | Analog (0-5V) or PWM Speed Control | | **Feedback Mechanism** | Hall Effect Sensor Integrated | | **Protection Circuits** | Over-current, Over-voltage, Locked Rotor | | **Mounting** | Integrated PCB or Connector-based | --- ### 2. Key Electronic Parts & Functionality The "W2PV" series typically consists of several critical electronic sub-sections: #### A. Power Stage (Inverter) * **MOSFETs/IGBTs:** The unit uses a bridge of six power transistors to switch current into the three phases of the motor. * **Gate Drivers:** High-speed ICs that manage the rapid switching of the power transistors to ensure efficiency and reduce heat. #### B. Control Logic (The "Brain") * **Microcontroller/ASIC:** An onboard processor calculates the timing for commutation based on rotor position. * **The "/Q" Suffix:** Usually denotes a specific **Quality Standard** (such as Automotive grade or specific industrial reliability testing) or a customized firmware version for high-torque startups. #### C. Sensing & Feedback * **Current Shunt Resistors:** Low-resistance precision resistors used to monitor motor current in real-time. * **Hall Effect Interface:** Inputs that read the position of the motor's internal magnets to ensure smooth rotation without stuttering. #### D. Connectivity * **R2 Connector:** Refers to the physical wiring interface (usually a multi-pin JST or Molex header) providing power, ground, speed command (PWM), and FG (Frequency Generator/Tachometer) output. --- ### 3. Usage & Application This part is commonly found in: * **High-End Cooling Fans:** Used in servers or telecommunications equipment. * **Precision Pumps:** Medical or industrial fluid handling. * **Office Automation:** High-speed laser printer rollers. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the R2 connector?
    • ⤷ Does the /Q suffix imply AEC-Q100 automotive certification?
    • ⤷ What is the maximum current rating for this specific driver?