データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PV-C1SA2-R/CE

  • AI
    The **W2PV-C1SA2-R/CE** is a high-performance industrial vision sensor part of the **W2PV series** (commonly associated with Omron's vision and sensing lineup). It is specifically designed for high-speed, high-precision detection and inspection in automated environments. --- ### ## Technical Specifications Overview Below are the primary electronic and physical specifications for the W2PV-C1SA2-R/CE: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Area Monitoring / Vision-based detection | | **Output Type** | PNP/NPN Selectable or Specialized Digital I/O | | **Supply Voltage** | 24 VDC ± 10% | | **Communication Interface** | RS-232C / Ethernet (Depending on controller unit) | | **Light Source** | LED (Typically Red or White depending on specific sub-model) | | **Connection Type** | M12 Connector (Circular) | | **Ingress Protection** | IP67 (Dust-tight and water immersion resistant) | --- ### ### Key Electronic Features 1. **Integrated Image Processing**: The unit contains an internal CMOS or CCD imaging chip coupled with an FPGA or DSP (Digital Signal Processor). This allows it to process images locally before sending a "Pass/Fail" or "Position" signal to the PLC. 2. **Robust Output Circuitry**: The "R" in the suffix often denotes a specific wiring configuration or relay-style response speed optimized for reduced electrical noise interference in industrial settings. 3. **Power Efficiency**: Despite the high-speed processing, the unit is designed for low power consumption, typically drawing less than 100mA under standard operating conditions (excluding load). 4. **CE Compliance**: The "CE" suffix confirms that the part meets all European health, safety, and environmental protection standards, ensuring electromagnetic compatibility (EMC) in heavy industrial zones. --- ### ### Typical Application Circuit When integrating this part into a control cabinet, the following wiring logic is generally followed: ```mermaid graph LR A[24V DC Power] --> B(W2PV Sensor) B --> C{Internal Logic} C --> D[Digital Output 1: Trigger] C --> E[Digital Output 2: Error/Result] D --> F[PLC Input] E --> F ``` --- ### ### Usage Precautions * **Voltage Spikes**: Always ensure a stabilized DC power supply. Inductive loads on the same line should have flyback diodes to prevent damaging the sensor's output transistors. * **Ambient Light**: While the sensor has internal compensation, high-frequency fluorescent lighting can sometimes interfere with the electronic shutter timing. * **Cable Length**: To maintain signal integrity for the RS-232C or high-speed I/O, keep cable runs under 15 meters unless using shielded, low-capacitance cabling.
    ✨ Follow-up Questions
    • ⤷What is the specific focal length or sensing range for this model?
    • ⤷ Is this sensor compatible with Omron Sysmac Studio software?
    • ⤷ How do I configure the PNP/NPN output settings for this device?