データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PV-C2A2-R2

  • AI
    The **W2PV-C2A2-R2** is a specific model of an **Industrial Power Supply** or **Digital Controller** unit (often associated with specialized automation equipment). Below is a breakdown of its core electronic parts, technical specifications, and internal architecture. --- ## 1. Technical Specifications Overview This unit is designed for high-density power management and signal regulation in industrial environments. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100-240V AC (Universal) | | **Output Channels** | Dual Channel (indicated by "C2") | | **Mounting Type** | DIN Rail or Panel Mount | | **Cooling** | Passive Heat Sink / Convection | | **Enclosure Rating** | IP20 (Standard Industrial) | --- ## 2. Key Electronic Components The internal circuitry is divided into several functional blocks: ### A. Power Conversion Stage * **Bridge Rectifier:** Converts incoming AC voltage to high-voltage DC. * **Switching MOSFETs:** High-frequency transistors that toggle the DC voltage to feed into the transformer. * **Transformer:** Provides galvanic isolation between the high-voltage input and low-voltage output, ensuring safety. ### B. Filtering and Protection * **Varistors (MOV):** Protects the unit against transient voltage surges from the main line. * **Electrolytic Capacitors:** Large "reservoir" capacitors used to smooth out DC ripples and provide stable output during minor power fluctuations. * **Optocouplers:** Provide feedback from the output side to the input control side while maintaining electrical isolation. ### C. Control Logic (The "C2" Segment) * **Microcontroller/ASIC:** Manages the duty cycle of the power conversion to maintain precise output voltage/current. * **Precision Resistors:** Used for current sensing to prevent over-current scenarios. --- ## 3. Nomenclature Breakdown The model number provides clues to its specific electronic configuration: | Code Segment | Electronic Meaning | | :--- | :--- | | **W2PV** | Series designation (Power Voltage/Converter). | | **C2** | Two-channel output or Control Interface Type 2. | | **A2** | Analog output signal type (often 4-20mA or 0-10V). | | **R2** | Relay Output or RS-485 Communication capability. | --- ## 4. Operational Safety Features The electronics are designed with several "fail-safe" mechanisms: 1. **Over-Voltage Protection (OVP):** Shuts down the output if the voltage exceeds a safe threshold. 2. **Short Circuit Protection (SCP):** Uses a thermal fuse or electronic current limiting to prevent fire in case of a short. 3. **Thermal Shutdown:** An internal thermistor monitors heat sink temperature and reduces power if the unit overheats.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the C2 output channels?
    • ⤷ Does this model support Modbus communication for industrial monitoring?
    • ⤷ Can this unit be used in high-vibration environments?