データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2PV-C3SB2-R2

  • AI
    # W2PV-C3SB2-R2 Technical Specifications The **W2PV-C3SB2-R2** is a specialized pick-and-place nozzle or head component typically associated with high-precision SMT (Surface Mount Technology) assembly equipment, specifically within the **Yamaha** or **i-Pulse** ecosystem. --- ## 1. General Overview This part is a high-performance **vacuum nozzle** assembly used for picking up and placing electronic components onto Printed Circuit Boards (PCBs). The "R2" suffix usually denotes a specific revision or a particular rubber/tip material configuration designed for high durability. ## 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | SMT Pick & Place Nozzle | | **Compatibility** | Yamaha YS/YSM series, i-Pulse M1/M2/M4/M20 | | **Tip Material** | Static Dissipative / Hardened Tooling | | **Mounting Style** | Quick-change interface (3-ball or grooved) | | **Application** | Medium to Small SMD components (0603, 1005, etc.) | --- ## 3. Core Electronic & Mechanical Functions ### A. Static Dissipation (ESD Safety) The nozzle is manufactured using conductive or static-dissipative materials. This is critical for preventing **Electrostatic Discharge (ESD)**, which could destroy sensitive integrated circuits (ICs) during the high-speed transfer process. ### B. Vacuum Seal Efficiency The "C3SB2" designation often refers to the internal bore diameter and the seat style. * **Vacuum Flow:** Designed for a specific CFM (Cubic Feet per Minute) to ensure a secure hold during rapid X-Y-Z axis movements. * **Reflectivity:** The tip often features a matte or specialized finish to ensure that the machine's vision system (CCD camera) can accurately recognize the component's outline without glare. ### C. Precision Engineering * **Concentricity:** High tolerance alignment to ensure the center of the nozzle matches the center of the machine spindle. * **Spring Loading:** Many R2 series nozzles include a micro-spring mechanism to provide "z-axis compliance," preventing the nozzle from crushing the component or the PCB during the "touchdown" phase. --- ## 4. Maintenance and Usage To ensure the longevity of the W2PV-C3SB2-R2, the following electronic-grade maintenance is required: 1. **Ultrasonic Cleaning:** Using specialized solvents to remove solder paste flux buildup. 2. **Vacuum Testing:** Periodic checks to ensure the internal filter or shaft isn't clogged. 3. **Vision Calibration:** Running "Nozzle Station Calibration" routines on the SMT machine to account for any physical wear. ---
    ✨ Follow-up Questions
    • ⤷ Which SMT machine models are compatible with the W2PV series?
    • ⤷ How does the 'R2' revision differ from the original R1 nozzle?
    • ⤷ What is the recommended cleaning procedure for this specific nozzle?