データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2RS-024-R2

  • AI
    The **W2RS-024-R2** is a specific model of an **Electromagnetic Relay** (often referred to as a Power Relay or Interface Relay) typically used in industrial automation and control systems. Below is a detailed breakdown of its electronic parts, specifications, and functions. --- ### 1. General Specifications The part number defines the key characteristics of the relay unit. | Feature | Specification | | :--- | :--- | | **Model Series** | W2RS | | **Coil Voltage** | 24V DC | | **Contact Configuration** | 2C (DPDT - Double Pole Double Throw) | | **Mounting Type** | Socket / DIN Rail Mountable | | **Indicator** | LED Status Indicator (Built-in) | --- ### 2. Internal Electronic & Mechanical Components The device consists of several critical components that work together to switch electrical loads: #### A. The Electromagnetic Coil (Actuator) * **Function:** The heart of the relay. When 24V DC is applied, it creates a magnetic field. * **Material:** Fine copper wire wound around an iron core. * **Power Consumption:** Designed for low power consumption to allow PLC (Programmable Logic Controller) outputs to drive it directly. #### B. The Contacts (Switching Element) * **Material:** Usually Silver Alloy (AgNi or AgSnO2) for high conductivity and resistance to arcing. * **Configuration:** **DPDT (2 Form C)**. This means it has two separate sets of switches, each with a Common (COM), Normally Open (NO), and Normally Closed (NC) terminal. #### C. Protection & Indication Circuitry Unlike basic relays, the "R2" variant often includes internal protection: * **Free-Wheeling Diode:** Protects the driving circuit (like a PLC) from "back EMF" or voltage spikes when the relay coil is turned off. * **LED Indicator:** A small surface-mount LED that lights up when the coil is energized, allowing for easy visual troubleshooting. --- ### 3. Terminal Mapping The base of the relay or the associated socket usually follows standard numbering: | Terminal Type | Description | | :--- | :--- | | **A1 / A2** | Coil Input (Positive/Negative 24V DC) | | **11 / 21** | Common (COM) Terminals | | **12 / 22** | Normally Closed (NC) Terminals | | **14 / 24** | Normally Open (NO) Terminals | --- ### 4. Technical Performance Data | Parameter | Value (Typical) | | :--- | :--- | | **Switching Current** | Up to 5A - 7A (depending on load type) | | **Switching Voltage** | 250V AC / 30V DC | | **Response Time** | < 15ms (Fast switching) | | **Dielectric Strength** | ~2,000V AC (between coil and contacts) | --- ### Summary of Use Case The **W2RS-024-R2** acts as a bridge between a low-power control signal (24V DC from a sensor or PLC) and a high-power load (like a motor, heater, or large solenoid). The "24" in the name is the most critical part, indicating it **requires exactly 24V DC** to operate the internal magnet. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2RS-024-R2 contacts?
    • ⤷ Does this relay require a specific type of socket for DIN rail mounting?
    • ⤷ Can this relay be used with an AC control signal instead of 24V DC?