データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2RS-1CD-R2

  • AI
    The **W2RS-1CD-R2** is a specialized electronic component primarily used in industrial automation, specifically within the category of **Interface Relay Modules** or **Terminal Block Relays**. It is designed to bridge the gap between low-power control circuits (like a PLC) and high-power load devices. --- ### 1. Component Overview The W2RS-1CD-R2 is a slim-type relay module. The "1CD" typically denotes a **1 Changeover (SPDT)** contact configuration, while "R2" often refers to the specific revision or specific terminal layout (often 2-wire or specific rail mounting). ### 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) | | **Input Voltage (Coil)** | Usually 24V DC (Standard for Industrial PLC) | | **Rated Load (Resistive)** | 6A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail (35mm) | | **Wiring Method** | Screw terminals or Push-in (depending on sub-variant) | | **Indication** | LED status indicator for coil excitation | --- ### 3. Key Internal Parts & Functions #### A. Electromagnetic Relay (The Core) The heart of the module is a miniature power relay. * **The Coil:** When energized by a control signal (e.g., 24V), it creates a magnetic field. * **The Armature:** A movable piece of metal that is pulled by the magnetic field to switch the contacts. #### B. Protection Circuitry Unlike a bare relay, this module includes onboard electronics to protect the system: 1. **Freewheeling Diode (Flyback Diode):** Placed across the coil to suppress voltage spikes when the relay is turned off, protecting the PLC output. 2. **Reverse Polarity Protection:** Prevents damage if the input wires are connected backwards. #### C. Interface & Housing * **LED Indicator:** A green or red LED provides visual confirmation that the control signal is active. * **Jumper Slots:** Allows for easy commoning (bridging) of potentials between multiple adjacent modules. * **Extraction Lever:** A plastic clip that allows for quick replacement of the relay without disconnecting the wiring. --- ### 4. Typical Wiring Logic ```text Control Side (Input) Load Side (Output) [ A1 ] (+) 24V DC ---> [ 11 ] Common (COM) [ A2 ] (-) 0V DC ---> [ 12 ] Normally Closed (NC) [ 14 ] Normally Open (NO) ``` --- ### 5. Applications * **Signal Isolation:** Protecting sensitive controller electronics from high-voltage transients. * **Power Amplification:** Using a 10mA PLC signal to switch a 6A motor or heater. * **Voltage Conversion:** Controlling a 230V AC load using a 24V DC control signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay module?
    • ⤷ Can the internal relay be replaced without replacing the entire base?
    • ⤷ What are the advantages of the 'Slim' design in a control panel?