データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-14D-R2

  • AI
    The **W2SP-14D-R2** is a specific type of logic output module, typically associated with industrial automation and PLC (Programmable Logic Controller) systems. Specifically, it is a **Reed Relay Output Module** used to interface between low-level control logic and external industrial devices. ### 1. General Specifications The module serves as a bridge, allowing a controller to switch electrical loads using mechanical reed switches. | Feature | Specification | | :--- | :--- | | **Output Type** | Reed Relay | | **Number of Points** | 14 Channels (14D) | | **Maximum Voltage** | Typically 100V - 120V AC/DC | | **Maximum Current** | ~0.5A per point (load dependent) | | **Response Time** | < 1ms (very fast for a mechanical relay) | | **Connector Type** | Standard pin header or terminal block (model dependent) | --- ### 2. Key Electronic Components The internal architecture of the W2SP-14D-R2 consists of several critical electronic stages: #### A. The Reed Relay Unlike standard electromagnetic relays, a **Reed Relay** consists of two ferromagnetic blades sealed in a glass tube. * **Advantage:** Hermetically sealed, protecting contacts from oxidation and dust. * **Function:** When the internal coil is energized, the magnetic field pulls the "reeds" together to complete the circuit. #### B. Isolation Barriers (Optocouplers) To protect the sensitive CPU or PLC backplane from electrical noise or surges on the field side, these modules often include **optocouplers**. This ensures that the control signal is transmitted via light, providing galvanic isolation. #### C. Protection Circuitry (Snubbers/Diodes) Since relays often switch inductive loads (like small solenoids), the board contains: * **Flyback Diodes:** To suppress voltage spikes when switching DC loads. * **RC Snubbers:** To prevent arcing across the reed contacts when switching AC loads, extending the life of the component. #### D. Status LEDs Most "W2SP" series modules include surface-mount LEDs for each of the 14 channels. These provide immediate visual feedback on whether a specific output is energized. --- ### 3. Application Use Cases Because Reed Relays have lower current capacities than standard Power Relays, the W2SP-14D-R2 is primarily used for: 1. **Signal Routing:** Passing low-power signals between different control systems. 2. **Pilot Duty:** Driving the coils of larger contactors or motor starters. 3. **High-Speed Switching:** Used where a solid-state relay isn't preferred due to leakage current, but standard relays are too slow. --- ### 4. Wiring Diagram Concept ```text [ PLC Backplane ] -> [ Opto-Isolator ] -> [ Relay Coil ] -> [ Reed Contact ] -> [ External Load ] | [ Surge Protection ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this Reed Relay module and a Solid State (SSR) module?
    • ⤷ How do I calculate the maximum inductive load for this specific part?
    • ⤷ What are the common failure modes of the W2SP-14D-R2?