データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-1A4-R2

  • AI
    The **W2SP-1A4-R2** is a specific part number typically associated with high-performance **miniature power relays** or specialized switching components, often utilized in automotive or industrial control modules. Below is a detailed breakdown of the electronic specifications and characteristics associated with this series of components. --- ### 1. Component Overview The W2SP series represents a class of **Electromechanical Relays**. These devices use an electromagnetic coil to mechanically move an armature, which opens or closes electrical contacts. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Electromechanical Relay | | **Configuration** | SPST (Single Pole Single Throw) | | **Contact Form** | 1 Form A (Normally Open) | | **Mounting Type** | PCB (Through-Hole) or Plug-in | | **Primary Application** | Automotive, HVAC, Industrial automation | --- ### 2. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like Omron or TE Connectivity in similar naming conventions), the "1A4-R2" suffix usually denotes the following: #### A. Contact Rating * **Current:** Typically rated for **20A to 40A** depending on the voltage. * **Voltage:** Designed for DC systems (usually **12VDC** or **24VDC** nominal). #### B. Coil Characteristics * **Nominal Voltage:** The "R2" often refers to a specific coil resistance or sensitivity level tailored for standard 12V automotive batteries. * **Power Consumption:** Designed for low power draw to minimize heat during continuous duty. #### C. Physical Construction * **Sealing:** Usually "Flux Tight" or "Plastic Sealed" to protect the internal copper windings and contacts from dust and moisture. * **Pins:** Features heavy-duty pins to handle the high current throughput without melting the PCB traces. --- ### 3. Pinout and Circuit Symbol The W2SP-1A4 usually follows a standard 4-pin layout: ```text [ Coil Pin 1 ] ---- ( Coil ) ---- [ Coil Pin 2 ] [ Contact Pin 3 ] ----/ /---- [ Contact Pin 4 ] (Switch) ``` --- ### 4. Common Applications Due to its rugged design, the W2SP-1A4-R2 is commonly found in: 1. **Automotive Power Distribution:** Fuel pump relays, cooling fan controls, and headlight switching. 2. **Industrial Controllers:** Small motor starters and solenoid drivers. 3. **Smart Home Appliances:** High-current switching for heaters or compressors. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the W2SP-1A4-R2?
    • ⤷ Can this relay be used for AC voltage switching?
    • ⤷ What is the maximum operating temperature for this component?