データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-1AB-R/N

  • AI
    The **W2SP-1AB-R/N** is a specific electronic component typically identified as a **Miniature Snap-Action Switch** (also known as a microswitch) or a specialized connector component, depending on the manufacturer (commonly associated with brands like **Zippy** or similar industrial suppliers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for precision switching in compact environments. The "R/N" suffix often denotes specific contact materials or environmental ratings. | Feature | Description | | :--- | :--- | | **Component Type** | Snap-Action Microswitch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Actuator Style** | Pin Plunger (Standard) | | **Termination Style** | PCB Terminals (Right Angle or Straight depending on sub-series) | | **Contact Material** | Silver Alloy or Gold Plated (N-suffix variant) | --- ### 2. Electrical Characteristics These parameters define the safe operating limits of the device. * **Current Rating:** Typically rated between **0.1A to 3A** depending on the specific voltage. * **Voltage Rating:** Usually supports **125VAC / 250VAC** or low voltage **30VDC** applications. * **Insulation Resistance:** 100MΩ Min. (at 500VDC). * **Dielectric Strength:** 1,000VAC for 1 minute. * **Contact Resistance:** Max 30mΩ to 50mΩ (initial). --- ### 3. Mechanical & Environmental Properties Microswitches like the W2SP series are valued for their tactile feedback and longevity. * **Operating Force (OF):** High sensitivity, usually requiring between **60g to 150g** of force. * **Mechanical Life:** Designed for **1,000,000 cycles** or more. * **Operating Temperature:** -25°C to +85°C. * **Ingress Protection:** Often carries an **IP67** rating if the "W" prefix denotes "Waterproof" in the manufacturer's naming convention (common for the W2 series). --- ### 4. Typical Applications Due to its small footprint and reliability, it is used in: 1. **Automotive:** Door latch detection, seatbelt sensors. 2. **Industrial:** Limit switches in small CNC machines or 3D printers. 3. **Consumer Electronics:** Computer mice, joystick buttons, or home appliances. 4. **Medical:** Fluid level detection or equipment safety interlocks. --- ### 5. Part Number Breakdown (Typical) | Code | Meaning | | :--- | :--- | | **W2** | Series identifier (often Subminiature/Waterproof) | | **SP** | Single Pole configuration | | **1AB** | Specific lever/actuator geometry and terminal type | | **R/N** | **R**: RoHS Compliant; **N**: Specific contact plating (e.g., Nickel/Gold) |
    ✨ Follow-up Questions
    • ⤷ What is the exact terminal pitch for the W2SP-1AB-R/N PCB mounting?
    • ⤷ Can this switch be used in high-moisture environments?
    • ⤷ What are the primary differences between the 'R' and 'N' variants?