データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2AC-R2

  • AI
    The **W2SP-2AC-R2** is a high-performance **Programmable Multi-Transducer** (often referred to as a signal conditioner or signal isolator) manufactured by **M-System**. It is designed to convert AC input signals into isolated DC output signals. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | W2SP-2AC-R2 | | **Input Type** | AC Current / AC Voltage (Dual Channel) | | **Output Type** | DC Voltage or Current (Dual Independent Outputs) | | **Power Input** | 24V DC (typical for 'R' series) | | **Isolation** | Input to output to power (2000V AC) | | **Accuracy** | ±0.1% to ±0.2% of span | | **Configuration** | PC programmable or via DIP switches | --- ### 2. Main Electronic Components and Functions The device functions as a "Two-wire" or "Dual Output" signal conditioner. Below are the primary electronic sections: #### A. Signal Input Stage (AC Sensing) * **Precision Rectification:** The AC signal (from a CT or VT) is rectified and filtered. * **True RMS Conversion:** High-end models like this often use specialized ICs to calculate the True RMS value of the waveform, ensuring accuracy even with distorted sine waves. #### B. Isolation Barrier * **Optoisolators/Transformers:** To protect sensitive control systems (like a PLC), the electronic circuit uses galvanic isolation. This prevents high-voltage spikes on the input side from reaching the output side. #### C. Processing Unit * **Microprocessor/DSP:** The "Programmable" aspect refers to an internal microcontroller that handles linear mapping, scaling, and digital calibration. It allows the user to set specific ranges (e.g., 0-5A AC input to 4-20mA DC output). #### D. Output Stage (DC Drivers) * **Operational Amplifiers:** High-linearity Op-Amps are used to drive the final DC current or voltage loop. * **Protection Circuitry:** Includes TVS diodes to protect the outputs against reverse polarity and surges. --- ### 3. Application Use Cases 1. **Industrial Power Monitoring:** Converting high AC currents from motors into 4-20mA signals for PLC monitoring. 2. **Signal Splitting:** The "W" in the prefix usually denotes a **Splitter** function, meaning one input can be converted into two independent, isolated outputs. 3. **Noise Reduction:** Eliminating ground loops in complex electrical environments. ---
    ✨ Follow-up Questions
    • ⤷ How do I program the W2SP-2AC-R2 using a PC?
    • ⤷ What is the difference between the R2 and R models?
    • ⤷ Can this device handle non-sinusoidal AC waveforms?