データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2B1-R2SLASHQ

  • AI
    The **W2SP-2B1-R2/Q** is a high-precision sensor component, typically categorized under **Ultrasonic Sensors** or specialized **Proximity Sensors**, often utilized in industrial automation for web guiding, edge detection, or clear material sensing. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications This device is designed for high-speed detection where optical sensors might fail (such as detecting transparent films or in dusty environments). | Parameter | Specification | | :--- | :--- | | **Technology** | Ultrasonic (High Frequency) | | **Operating Voltage** | 12 - 24V DC | | **Output Type** | Analog (typically 0-10V or 4-20mA) | | **Sensing Range** | Specific fork-width (e.g., 30mm to 60mm) | | **Response Time** | < 1 ms (High Speed) | | **Housing Material** | Anodized Aluminum or Nickel-plated Brass | | **Connection** | M12 Connector (4-pin or 5-pin) | --- ### 2. Key Electronic Features #### A. Ultrasonic Transducer Logic Unlike standard proximity switches, the `/Q` variant often refers to a **high-resolution analog output**. It uses a pair of ultrasonic transducers (one transmitter, one receiver) located on the arms of a "fork." * **Linearity:** The sensor provides an output proportional to the degree of "blocking" of the ultrasonic beam. * **Insensitivity:** It is immune to light interference, transparency, and color, making it ideal for clear plastic web monitoring. #### B. Output Configuration The "R2" designation usually points to a specific wiring or polarity configuration: * **Push-Pull / Analog:** Capable of driving loads directly or interfacing with a PLC analog input card. * **Short Circuit Protection:** Most models include integrated protection against polarity reversal and overcurrent. #### C. Control Interface The sensor often features a "Teach-in" function, allowing the user to set the zero-point and maximum-point electronically without adjusting hardware. --- ### 3. Pinout Diagram (Standard M12) While specific wiring should be verified against the datasheet provided by the manufacturer (likely **Wenglor** or similar brands), the typical electronic layout is: ```yaml Pin 1: +24V DC (Brown) Pin 2: Analog Output / Control (White) Pin 3: 0V / GND (Blue) Pin 4: Switching Output / Teach-in (Black) ``` --- ### 4. Application Context * **Web Guiding:** Ensuring a roll of material stays centered on a machine. * **Edge Detection:** Identifying the exact boundary of a moving sheet. * **Clear Film Sensing:** Detecting the presence or absence of transparent labels or packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact sensing width of the W2SP-2B1-R2/Q model?
    • ⤷ How do I perform a 'Teach-in' calibration on this specific sensor?
    • ⤷ Can this sensor be used for liquid level detection or only web guiding?