データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2BD-R/N

  • AI
    The **W2SP-2BD-R/N** is a specific model within the series of **Signal Conditioners** or **Isolation Transmitters**, typically manufactured by companies like **M-System** or similar industrial automation providers. These devices are used to convert, isolate, and transmit electrical signals between field instruments and control systems (PLC/DCS). --- ### 1. Technical Specifications Breakdown The alphanumeric code "W2SP-2BD-R/N" represents specific hardware configurations. Below is a breakdown of what these parts signify: | Component Code | Description | Detail | | :--- | :--- | :--- | | **W2SP** | Series Model | Dual-output signal conditioner (Splitter). | | **2** | Input Type | Typically represents a **4–20 mA DC** current input. | | **B** | Output 1 | **4–20 mA DC** output signal. | | **D** | Output 2 | **0–10 V DC** output signal (Voltage). | | **R** | Power Supply | **24V DC** power requirement. | | **N** | Special Option | Often indicates "No special options" or specific mounting styles. | --- ### 2. Core Electronic Functions The device serves three primary electronic roles in an industrial circuit: 1. **Signal Splitting:** It takes one input signal (e.g., from a flow meter) and provides two independent outputs. This allows one signal to go to a local display and the other to a central PLC. 2. **Galvanic Isolation:** It provides 3-way isolation (Input to Output to Power). This prevents "ground loops" and protects sensitive control equipment from high-voltage surges in the field. 3. **Signal Conversion:** It can transform a current signal (mA) into a voltage signal (V) simultaneously, ensuring compatibility between different hardware brands. --- ### 3. Wiring Configuration To integrate this part, the electronic terminal block is typically arranged as follows: ```mermaid graph LR A[Field Sensor] -- 4-20mA --> B(W2SP Input) B -- Output 1 --> C[PLC / Controller] B -- Output 2 --> D[Local Indicator] E[24V DC Power] --> B ``` --- ### 4. Key Electronic Parameters | Parameter | Value/Range | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation Resistance** | 100 MΩ or more (500V DC) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Operational Temp** | -5 to +55°C | ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the 24V DC power input on this model?
    • ⤷ Can the output signals be calibrated or adjusted manually?
    • ⤷ How does 3-way isolation protect the PLC from ground loops?