データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2CA-R2

  • AI
    The **W2SP-2CA-R2** is a specific electronic component within the category of **Signal Conditioners** (Isolators), typically manufactured by **M-System** (now part of MG CO., LTD). It is designed to convert an input signal into two independent, isolated output signals, primarily used in industrial automation and process control. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | W2SP (Ultra-slim Signal Conditioner) | | **Input Type** | 4 – 20 mA DC | | **Output 1** | 4 – 20 mA DC | | **Output 2** | 1 – 5 V DC | | **Power Input (R2)** | 11 – 27 V DC | | **Isolation** | 3-Way (Input to Output to Power) | | **Mounting** | DIN Rail | --- ### 2. Breakdown of the Model Code The alphanumeric string identifies the specific hardware configuration: * **W2SP**: The series name (Dual Output Signal Conditioner). * **2**: Designates Output 1 is 4 – 20 mA DC. * **C**: Designates Output 2 is 1 – 5 V DC. * **A**: Designates the Input is 4 – 20 mA DC. * **R2**: Specifies the power requirement (24V DC range). --- ### 3. Key Electronic Functions #### A. Signal Isolation The device provides electrical isolation between the input circuit, the two output circuits, and the power supply. This prevents **ground loops** and protects sensitive PLC/DCS equipment from high-voltage surges or noise on the field side. #### B. Signal Splitting It acts as a "splitter." For example, it can take one 4–20mA signal from a temperature transmitter and send: 1. A 4–20mA signal to a **PLC** (Programmable Logic Controller). 2. A 1–5V signal to a **Local Display** or Chart Recorder. #### C. Accuracy and Stability * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Fast response (usually $\le$ 0.5 seconds) to ensure real-time monitoring. * **Zero/Span Adjustment:** Features front-facing potentiometers to fine-tune the output signals manually. --- ### 4. Physical Construction * **Ultra-Slim Design:** Usually around 12mm to 15mm wide to save space on a crowded DIN rail. * **Terminal Block:** Compression or screw terminals for secure wiring. * **LED Indicator:** A power LED on the front panel indicates the device is energized.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for connecting a 2-wire transmitter to the W2SP-2CA-R2?
    • ⤷ How does this model differ from the W2VS series?
    • ⤷ Can the output signals be calibrated if they drift over time?