データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2CB-R/CE

  • AI
    The **W2SP-2CB-R/CE** is a specialized electronic component, specifically a **Surface Mount Device (SMD) Wire-Wound Common Mode Choke**. It is primarily used for noise suppression in high-speed differential signal lines. --- ### 1. Key Technical Specifications Based on the part number nomenclature (typically associated with manufacturers like **Walsin** or similar inductive component specialists), here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Common Mode Choke (SMD) | | **Impedance** | Typically 67Ω to 90Ω (at 100MHz) | | **Rated Current** | ~200mA to 400mA | | **DC Resistance (DCR)** | < 0.3Ω - 0.4Ω | | **Operating Temperature** | -40°C to +85°C | | **Package Size** | 2012 (Metric) / 0805 (Imperial) | --- ### 2. Functional Electronic Parts & Structure The device consists of three main internal physical/electronic elements: 1. **Ferrite Core:** A ceramic-ferrite magnetic core that provides high permeability. This allows the device to filter high-frequency noise while letting the desired DC or low-frequency signals pass. 2. **Bifilar Windings:** Two sets of ultra-fine copper wires are wound together. This configuration ensures that differential signals (data) create opposing magnetic fields that cancel out, while common-mode signals (noise) see high impedance and are blocked. 3. **Terminal Electrodes:** Tin-plated (Sn) or Gold-plated (Au) pads that allow the part to be soldered onto a PCB using Reflow soldering processes. --- ### 3. Application Use-Cases This specific part is designed for "Common Mode" noise filtering. It is essential in circuits where electromagnetic interference (EMI) could corrupt data transmission. * **USB 2.0 / 3.0 Lines:** Prevents high-frequency noise from radiation. * **HDMI / DisplayPort:** Maintains signal integrity in high-definition video transmission. * **IEEE1394 (Firewire):** Used in legacy high-speed data interfaces. * **LVDS (Low Voltage Differential Signaling):** Common in laptop screen interfaces and automotive displays. --- ### 4. Circuit Symbol and Operation In a schematic, the W2SP-2CB-R/CE is represented by two coupled inductors: ```text Pin 1 (Input A) ●────┐ ┌────● Pin 4 (Output A) ) ( ) ( <-- Magnetic Coupling ) ( Pin 2 (Input B) ●────┘ └────● Pin 3 (Output B) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a common mode choke and a standard inductor?
    • ⤷ How do I calculate the required impedance for my USB data line?
    • ⤷ What are the soldering profile requirements for the CE-marked version of this part?