データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2CC-R2/N

  • AI
    Based on the technical profile, the **W2SP-2CC-R2/N** is a high-performance **Step Motor Driver** from the **Autonics W2SP Series**. This specific model is designed for 2-phase bipolar stepping motors and is characterized by its compact, high-speed, and high-torque capabilities. --- ## 1. Core Technical Specifications The "W2SP-2CC-R2/N" part number indicates specific hardware and logic configurations. | Parameter | Specification | | :--- | :--- | | **Control Method** | Bipolar constant current drive | | **Power Supply** | 24 - 35 VDC | | **Phase / Type** | 2-Phase Bipolar | | **Max Run Current** | Approx. 2.0A / Phase | | **Microstep Resolution** | Up to 1/16 (via DIP switch selection) | | **Logic Type** | NPN Open Collector (indicated by the /N suffix) | --- ## 2. Key Electronic Components & Functions ### A. Power Stage (H-Bridge) The driver utilizes a dual H-bridge circuit to manage the current flow to the two motor coils. By reversing the polarity of the current in these coils, the driver forces the motor to rotate. The "Bipolar" design allows for higher torque compared to unipolar drivers. ### B. Current Control Logic * **Constant Current (Chopping):** The driver monitors the current level in the motor windings and uses high-frequency switching (PWM) to keep the current at a preset level, preventing the motor from overheating while maintaining torque at high speeds. * **Adjustable Current:** Features a potentiometer or DIP switches to set the "Run Current" and "Stop Current" (holding torque). ### C. Input/Output (I/O) Interface The **R2/N** designation refers to the signaling logic: * **Pulse/Dir Input:** Accepts standard Pulse (Clock) and Direction signals. * **NPN Logic (/N):** The inputs are designed to interface with NPN open collector outputs typically found on PLCs or motion controllers. * **Isolation:** Usually features opto-couplers to isolate the high-voltage motor power from the low-voltage control logic, protecting the controller from back-EMF or surges. --- ## 3. Microstepping Capabilities The W2SP series allows for electronic "sub-dividing" of the motor's natural steps. This is handled by the internal logic controller to provide: 1. **Reduced Vibration:** Smoother movement at low speeds. 2. **Higher Resolution:** Allows for finer positioning (e.g., turning a 1.8° step motor into 0.1125° steps). --- ## 4. Protection Circuits The internal PCB includes several failsafe electronic parts: * **Over-current Protection:** Shuts down the output if a short circuit is detected. * **Over-temperature Protection:** Monitors the heat sink/bridge temperature. * **Reverse Polarity Protection:** Prevents damage if the DC power supply is connected backwards.
    ✨ Follow-up Questions
    • ⤷ How do I set the DIP switches for microstepping on this specific model?
    • ⤷ What are the differences between the NPN and PNP versions of the W2SP series?
    • ⤷ What is the recommended power supply wattage for a 2.0A motor?