データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2DB-R

  • AI
    ## Detailed Overview of the W2SP-2DB-R The **W2SP-2DB-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **magnetic component**, often used in power management and signal filtering circuits. ### 1. Technical Specifications The following table highlights the core technical characteristics typically associated with this part series: | Property | Value/Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Wire-wound Inductor | | **Inductance** | Specified by the "2D" code (variable by manufacturer) | | **Tolerance** | Usually ±20% (M) or ±30% (N) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Operating Temperature** | Generally -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps identify the physical and electrical constraints of the part: 1. **W2SP**: The series identifier. This usually denotes a specific construction type (e.g., wire-wound, shielded, or semi-shielded) and the physical footprint size. 2. **2DB**: This represents the electrical characteristics. In inductor nomenclature, "2D" often refers to a specific height profile (e.g., 2.0mm) or a specific core material. 3. **-R**: This suffix almost always signifies **RoHS Compliance** and that the parts are delivered in **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 3. Key Electronic Functions The W2SP-2DB-R serves several critical roles within a PCB assembly: * **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the switching cycle. * **Noise Filtering:** It acts as a low-pass filter to block high-frequency noise while allowing DC or low-frequency signals to pass. * **Current Stabilization:** It resists sudden changes in current, protecting sensitive downstream components from spikes. ### 4. Applications You will commonly find this component in: * **Mobile Devices:** Power management modules for smartphones and tablets. * **LED Drivers:** Regulating current for high-brightness LEDs. * **Computing:** Localized power regulation on motherboards or GPU cards. * **Consumer Electronics:** Portables, cameras, and IoT devices where space is at a premium. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the 2DB variant?
    • ⤷ Which manufacturers produce the W2SP series?
    • ⤷ What are the recommended soldering pad dimensions for this part?