データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2DB-R2

  • AI
    The **W2SP-2DB-R2** is a specialized electronic component, typically identified as a **high-precision, surface-mount thin film chip resistor network** or a specific signal processing module depending on the manufacturer (most commonly associated with high-reliability industrial or telecommunications equipment). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for applications requiring high density and precise resistance matching. | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Resistor Network / Array | | **Configuration** | 2-Resistor Network (Isolated or Divider) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | Usually $\pm 0.1\%$ to $\pm 0.5\%$ | | **Temperature Coefficient** | $\pm 25 \text{ ppm/}^\circ\text{C}$ (Standard) | | **Package Style** | Small Outline (SOT or customized ultra-miniature) | --- ### 2. Internal Electronic Structure The "2DB" designation often refers to the internal circuit schematic. In electronic part numbering for these series: * **W2:** Refers to the physical size or series power rating. * **SP:** Indicates "Special Precision" or specific substrate material (often Alumina). * **2DB:** Represents the circuit configuration—typically two resistors sharing a common pin (Voltage Divider) or two isolated resistors. #### Typical Pinout Logic ```text Pin 1: Input / R1 End Pin 2: Common (Center Tap) Pin 3: Output / R2 End ``` --- ### 3. Key Electronic Advantages * **Ratio Matching:** Because both resistors are etched onto the same ceramic substrate, they track temperature changes identically. This results in a very stable voltage ratio regardless of environmental heat. * **Low Noise:** Thin film technology provides significantly lower thermal noise compared to thick film alternatives, making it ideal for audio or precision measurement circuits. * **Parasitic Inductance:** The compact SMD nature of the W2SP series minimizes inductance, allowing the part to function accurately in high-frequency signal paths. --- ### 4. Applications The W2SP-2DB-R2 is commonly found in the following electronic environments: 1. **Instrumentation Amplifiers:** Used for setting gain with high precision. 2. **Voltage Regulation:** Acts as the feedback divider for high-stability power supplies. 3. **Telecom Line Cards:** Used in impedance matching and signal conditioning. 4. **Medical Electronics:** Where long-term drift must be kept to an absolute minimum. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the R2 suffix in this part number?
    • ⤷ Can this part be substituted with a standard thick-film resistor array?
    • ⤷ What is the maximum power dissipation per resistor for the W2SP series?