データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2DB-R2/Q

  • AI
    The **W2SP-2DB-R2/Q** is a high-precision, industrial-grade signal conditioner (specifically a **Two-wire Signal Power Supply/Transmitter**) manufactured by **M-System**. It is designed to drive a two-wire transmitter and convert its output signal into an isolated standard process signal. --- ### ## Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Model Type** | Two-wire Signal Power Supply (Isolation Amplifier) | | **Input Signal** | 4 – 20 mA DC (from 2-wire transmitter) | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC (typical for W2 series) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting (Compact W2 Series) | | **Accuracy** | ±0.1% of span | --- ### ## Key Electronic Components & Functionality The device acts as a bridge between field sensors and a control system (PLC/DCS). Below are the core electronic functions: 1. **Transmitter Power Supply**: The unit provides a regulated 24V DC voltage to the field transmitter through the input loop. This eliminates the need for a separate power source at the sensor location. 2. **Galvanic Isolation**: Uses internal **magnetic or optical couplers** to provide 3-way isolation. This prevents ground loops, protects sensitive PLC inputs from high-voltage surges, and reduces electrical noise. 3. **Signal Conversion & Linearization**: The internal circuitry ensures that the current loop remains highly linear. The **R2** designation typically refers to specific output characteristics or a refined response time version within the M-System catalog. 4. **Short-Circuit Protection**: Equipped with internal current limiters to protect the electronics if the field wiring is shorted. --- ### ## Connection Terminal Layout (Typical) ```text [ Field Side ] [ Control Side ] Terminal 1 (+) ----------------- Input (+) 4-20mA Terminal 2 (-) ----------------- Input (-) | [ ISOLATION ] | Terminal 5 (+) ----------------- Output (+) 4-20mA Terminal 6 (-) ----------------- Output (-) Terminal 7 (+) ----------------- Power 24V DC Terminal 8 (-) ----------------- Power GND ``` --- ### ## Application Use Cases * **Preventing Ground Loops:** When the sensor and the PLC are grounded at different potentials. * **Signal Boosting:** Driving signals over long distances where line resistance would otherwise drop the voltage too low. * **Equipment Protection:** Acts as a sacrificial barrier between expensive DCS cards and harsh field environments.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 and other suffix versions for this model?
    • ⤷ How do I troubleshoot a zero-output signal on the W2SP?
    • ⤷ What is the maximum load resistance for the 4-20mA output?