データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2SP-2DB-R2/UL

  • AI
    The **W2SP-2DB-R2/UL** is a specialized electronic component primarily categorized as an **External Surge Protective Device (SPD)** or surge suppressor, typically used in industrial automation and power distribution systems. It is manufactured by companies like **Weidmüller**. --- ## 1. Technical Specifications The following table outlines the key electrical and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Product Type** | Surge Protection Device (SPD) | | **Configuration** | 2-Pole (often used for Phase-Neutral or Phase-Phase) | | **Voltage Rating** | Typically 120V/240V AC (Application dependent) | | **Discharge Current ($I_{max}$)** | High-capacity surge handling (e.g., 40kA - 50kA) | | **Certification** | UL 1449 Recognized (Surge Protective Devices) | | **Mounting Type** | DIN Rail Mounting (TS 35) | | **Response Time** | < 25 ns | --- ## 2. Key Electronic Components & Internal Design This device is an assembly of several critical electronic protection elements: ### A. Metal Oxide Varistors (MOVs) The core "active" part of the W2SP. MOVs are voltage-dependent resistors. * **Normal State:** High resistance (insulator). * **Surge State:** When a high-voltage spike occurs, the resistance drops instantly, shunting the excess current to the ground and protecting downstream electronics. ### B. Thermal Disconnectors To prevent fire hazards, the device includes a thermal internal fuse. If the MOVs overheat due to frequent surges or end-of-life failure, the thermal disconnector physically opens the circuit to prevent a "thermal runaway." ### C. Visual Status Indicator Most R2/UL models feature a mechanical flag or LED: * **Green:** Device is functional. * **Red:** Device has failed (protection is exhausted) and the module needs replacement. ### D. Remote Signaling Contact ("R2" Designation) The **"R2"** in the part number typically signifies a **change-over contact** (dry contact). This allows the SPD to be wired into a PLC or monitoring system to alert maintenance staff remotely if the surge protector has tripped or failed. --- ## 3. Application Areas * **Industrial Control Panels:** Protecting PLCs, HMIs, and sensitive I/O modules. * **Renewable Energy:** Surge protection for solar inverters and wind turbine controllers. * **HVAC Systems:** Shielding expensive motor drives from lightning strikes or grid switching transients. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Type 1 and Type 2 Surge Protective Devices?
    • ⤷ How do you wire the remote signaling contact (R2) to a PLC?
    • ⤷ What are the specific UL 1449 categories for this device?