データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-232-R2/N

  • AI
    The **W2TG0-232-R2/N** is a specialized industrial networking component, typically identified as a **Serial-to-Ethernet (RS232 to Ethernet) Gateway** or Device Server. It is designed to bridge the gap between legacy serial hardware and modern TCP/IP networks. --- ### 1. Key Technical Specifications The following table outlines the core hardware and electronic characteristics of the unit: | Feature | Specification | | :--- | :--- | | **Interface 1** | RS-232 Serial Port (usually DB9 or Terminal Block) | | **Interface 2** | 10/100 Mbps Ethernet Port (RJ45) | | **Operating Voltage** | Typically 9V - 36V DC (Industrial grade) | | **Form Factor** | Compact Metal/Plastic housing, often DIN-Rail mountable | | **Data Rates** | 300 bps to 115.2 Kbps (Serial) | | **Network Protocols** | TCP Server, TCP Client, UDP, DHCP, HTTP | --- ### 2. Core Electronic Components Within the W2TG0-232-R2/N, the following electronic subsystems work together to facilitate data conversion: #### A. Microcontroller (MCU) The "brain" of the device. It handles the protocol stack (converting serial packets into TCP/IP packets) and manages the web-based configuration interface. #### B. RS-232 Transceiver A dedicated integrated circuit (IC) that shifts the voltage levels. - **RS-232** uses high voltages (e.g., +/- 12V). - **MCU** uses low logic levels (e.g., 3.3V). - The transceiver ensures safe communication between the serial port and the processor. #### C. Ethernet Controller / PHY This part manages the physical connection to the LAN. It handles the electrical signaling required for Cat5/6 cabling and ensures data integrity through hardware-level error checking. #### D. Power Management Industrial units often include **Opto-isolation** or **Surge Protection**. This prevents electrical spikes on the serial line from damaging the rest of the network or the device itself. --- ### 3. Usage Scenario Example If you have an old CNC machine or a PLC that only has a Serial (COM) port, you cannot plug it into a modern Wi-Fi router. The **W2TG0-232-R2/N** acts as a translator: 1. **Input:** Serial data from the machine enters the RS-232 port. 2. **Processing:** The internal electronic components wrap that data in an "Ethernet envelope." 3. **Output:** The data is sent through the RJ45 port to your server across the office or the world. ---
    ✨ Follow-up Questions
    • ⤷ Does this device support Modbus RTU to Modbus TCP conversion?
    • ⤷ What is the specific pinout for the RS-232 port on this model?
    • ⤷ What is the recommended power supply wattage for the W2TG0 series?