データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-2AC-R/N

  • AI
    The **W2TG0-2AC-R/N** is a specific model identifier typically associated with **AC Axial Fans**, often manufactured by companies like EBM-Papst or specialized industrial cooling providers. These fans are designed for high-performance thermal management in server racks, telecommunications, and industrial control cabinets. Below is a breakdown of the electronic and technical components of this unit. --- ### 1. Technical Specifications This fan operates on Alternating Current (AC) and is characterized by its robust external rotor motor design. | Parameter | Specification | | :--- | :--- | | **Motor Type** | AC External Rotor Motor | | **Voltage Range** | 230V AC (Standard for '2AC' series) | | **Frequency** | 50 / 60 Hz | | **Bearing System** | Dual Ball Bearings (for long life) | | **Protection Class** | IP44 or IP54 (depending on sealing) | | **Termination** | Lead wires or Terminal blocks (N/R variants) | --- ### 2. Key Electronic Components #### A. External Rotor Motor Unlike standard motors where the rotor turns inside a stationary stator, the W2TG0 series uses an **external rotor**. - **Benefit:** This allows the fan blades to be integrated directly onto the rotor housing, resulting in a more compact design and better cooling for the motor windings. #### B. Capacitor (Run Capacitor) Since this is a single-phase AC motor, it requires a **permanent split capacitor (PSC)** to create a phase shift in the auxiliary winding. This creates the rotating magnetic field necessary to start and maintain rotation. #### C. Thermal Overload Protection The internal windings are usually equipped with a **Thermal Cut-Out (TCO)** or impedance protection. - If the fan stalls or the ambient temperature exceeds safety limits, the circuit opens to prevent the copper windings from melting or causing a fire. --- ### 3. Suffix Nomenclature Breakdown The suffix **-R/N** usually refers to the mechanical and wiring configuration: * **R:** Often denotes "Rear" mounting or a specific direction of airflow (Intake vs. Exhaust). * **N:** Typically stands for "New generation" or a specific bearing/noise reduction revision. * **2AC:** Indicates the voltage class (200V-240V AC). --- ### 4. Wiring Diagram Representation Most units in this series utilize a simple 2 or 3-wire connection: ```text L (Line) ----[ Brown/Black ]---- (Connect to Phase) N (Neutral) ----[ Blue ]----------- (Connect to Neutral) PE (Earth) ----[ Green/Yellow ]--- (Connect to Chassis/Ground) ``` > **Note:** Always verify the specific wiring label on the motor housing before applying power, as some industrial versions require an external capacitor to be wired manually between specific leads. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (airflow) rating for the W2TG0 series?
    • ⤷ How does an external rotor motor differ in efficiency compared to internal rotor motors?
    • ⤷ What are the common failure modes for AC axial fans in industrial environments?