データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-2B2-R

  • AI
    The **W2TG0-2B2-R** is a specific electronic component within the category of **High-Frequency Microwave/RF Attenuators**. These parts are designed to reduce the power of a signal without significantly distorting its waveform, primarily used in high-speed data transmission and telecommunications. --- ### 1. Component Classification The part number belongs to the **W2TG** series, typically associated with **SMD (Surface Mount Device) Thin Film Attenuators**. | Feature | Specification Details | | :--- | :--- | | **Type** | Fixed RF Attenuator | | **Technology** | Thin Film on Ceramic Substrate | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Impedance** | Usually 50 Ohms (standard for RF) | --- ### 2. Breakdown of the Part Number While naming conventions can vary slightly by manufacturer (such as Susumu or specialized RF vendors), the alphanumeric code generally breaks down as follows: * **W2TG**: Series identifier (High frequency, wideband performance). * **0**: Power rating or specific package size code. * **2B2**: Attenuation value. In RF coding, the "B" often acts as a decimal point. This signifies **2.2 dB** of attenuation. * **R**: Packaging suffix (typically stands for **Tape & Reel**). --- ### 3. Key Electronic Characteristics These parts are engineered for precision in high-frequency environments. * **Wide Frequency Range:** Typically operates from DC up to 10GHz or 20GHz (depending on the specific series rating). * **Low VSWR (Voltage Standing Wave Ratio):** Designed to minimize signal reflection, ensuring that the signal passes through the component with minimal loss of integrity. * **High Precision:** Thin film technology allows for very tight tolerances on the attenuation value (often within ±0.1dB to ±0.5dB). * **Compact Footprint:** Designed for high-density PCB layouts in mobile devices and base stations. --- ### 4. Common Applications The W2TG0-2B2-R is found in circuits where signal levels need to be adjusted precisely to match the input range of a receiver or to prevent overloading an amplifier. 1. **5G Base Stations:** Managing signal strength between power amplifiers. 2. **Test & Measurement:** Used in signal generators and spectrum analyzers. 3. **Optical Networking:** Adjusting levels in high-speed optical transceivers. 4. **Satellite Communication:** Signal conditioning in LNBs (Low Noise Block downconverters). ---
    ✨ Follow-up Questions
    • ⤷ What are the power rating limitations for the W2TG series?
    • ⤷ How does thin film technology compare to thick film in RF attenuators?
    • ⤷ What is the specific footprint/package size for the W2TG0-2B2-R?