データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-2DB-R/N

  • AI
    The **W2TG0-2DB-R/N** is a specific electronic component belonging to the **W2TG0 Series** of microwave/RF coaxial terminations. These components are primarily used in high-frequency applications to terminate a signal line with a specific impedance to prevent signal reflections. --- ### Technical Specifications The table below outlines the core electronic and mechanical characteristics typically associated with this part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Coaxial Termination (Load) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 18 GHz (Varies by specific sub-model) | | **Power Rating** | 2 Watts (Average) | | **Connector Type** | TNC Type (Male/Female depending on suffix) | | **VSWR** | ≤ 1.20:1 (Frequency dependent) | | **Temperature Range** | -55°C to +125°C | --- ### Part Number Breakdown While numbering conventions can vary by manufacturer (often used by suppliers like *Waverunner* or *Inmet* style designs), the code generally follows this logic: 1. **W2T**: Series designation, often indicating a 2-Watt TNC-type termination. 2. **G0**: Specific design revision or frequency binning (e.g., 18GHz). 3. **2DB**: Often refers to the attenuation value or a specific physical housing size. 4. **R/N**: * **R**: Typically stands for **RoHS Compliant**. * **N**: Can indicate a **Nickel** plating finish or a specific connector gender. --- ### Key Electronic Functions * **Impedance Matching:** The primary role is to match the characteristic impedance of the transmission line (usually 50Ω). This ensures that RF energy is absorbed rather than reflected back to the source, which prevents damage to sensitive amplifiers. * **Heat Dissipation:** As a 2-Watt rated part, the internal resistive element converts the RF electrical energy into thermal energy. The "DB" designation often relates to the body’s ability to dissipate this heat. * **Signal Integrity:** By providing a clean "end" to a circuit, it reduces Standing Wave Ratio (SWR), ensuring the stability of measurement systems and communication arrays. --- ### Common Applications 1. **Measurement & Testing:** Used on unused ports of directional couplers or power dividers during RF testing. 2. **Antenna Systems:** Terminating unused branches in a distributed antenna system (DAS). 3. **Military/Aerospace:** Due to the TNC connector's threaded nature, these are often used in high-vibration environments where BNC connectors would fail.
    ✨ Follow-up Questions
    • ⤷ What is the difference in VSWR performance between the R and N variants?
    • ⤷ Can this component handle peak power surges above 2 Watts?
    • ⤷ Is this specific part compatible with standard SMA adapters?