データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-3B2-R/N

  • AI
    The **W2TG0-3B2-R/N** belongs to a specialized category of electromechanical components, typically identified as a **tactile switch** or a **micro-switch assembly** used in automotive or industrial control interfaces. These parts are designed for high reliability and precise haptic feedback. ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch / Push Button | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operation Force** | Usually ranging from 1.6N to 3.5N (Model specific) | | **Mounting Type** | SMT (Surface Mount Technology) or Through-Hole | | **Termination** | Gull-wing or J-bend leads | | **Durability** | 100,000 to 1,000,000 cycles | | **Contact Material** | Silver-plated or Gold-plated copper alloy | --- ### 2. Key Electronic Features #### A. Contact Rating These switches are designed for "signal-level" switching rather than power switching. They typically operate at: * **Voltage:** 12V DC to 24V DC. * **Current:** 10mA to 50mA. * **Insulation Resistance:** >100MΩ at 100V DC. #### B. Environmental Sealing (The "R/N" Designation) The suffix often denotes specific environmental protections or packaging styles: * **Sealing:** Often rated IP67, making them resistant to dust and water ingress, which is critical for automotive dashboards or outdoor equipment. * **Temperature Range:** Typically rated for operation between **-40°C and +85°C**. #### C. Tactile Feedback The internal "dome" mechanism (usually stainless steel) provides a crisp "click" feel. This is electronically significant because it ensures the user knows the contact has been bridged without needing to look at the device. --- ### 3. Typical Application Circuit In most electronic designs, this part is used as an input to a Microcontroller (MCU). Below is a simple representation of how it is integrated: ```cpp // Example: Arduino-style logic for reading the switch state const int buttonPin = 2; // Pin connected to W2TG0 int buttonState = 0; void setup() { // Uses internal pull-up resistor to prevent floating state pinMode(buttonPin, INPUT_PULLUP); } void loop() { buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed, contact is closed to Ground executeAction(); } } ``` --- ### 4. Common Applications * **Automotive:** Steering wheel controls, window lifters, and infotainment buttons. * **Industrial:** Interface panels for CNC machines or handheld testers. * **Consumer Electronics:** High-end appliances requiring waterproof interfaces.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the W2TG0-3B2-R/N footprint?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?
    • ⤷ What is the specific difference between the 'R' and 'N' variants in this part number?