データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-3B2-R2/N

  • AI
    The **W2TG0-3B2-R2/N** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor Network** or a customized resistor array often used in industrial or automotive electronics. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Thin Film Resistor Network / Array | | **Mounting Type** | Surface Mount (SMD) | | **Substrate Material** | Alumina (Al2O3) or Silicon | | **Resistive Material** | Tantalum Nitride (TaN) or Nichrome (NiCr) | | **Tolerance** | Typically $\pm$0.1% to $\pm$1% (High Precision) | | **Temperature Coefficient** | Low TCR (e.g., $\pm$25 ppm/°C or lower) | | **Termination Finish** | Lead-free (RoHS Compliant) / Nickel Barrier | --- ### 2. Key Electronic Features The part number indicates a component designed for stability and reliability. Its primary electronic "parts" or characteristics include: * **Thin Film Technology:** Unlike standard thick film resistors, this part uses thin-film deposition. This results in much lower noise, better stability over time, and extremely tight resistance tolerances. * **Moisture Resistance:** The "/N" suffix often indicates a specific coating or material enhancement (like Tantalum Nitride) that makes the part resistant to moisture-induced corrosion (Self-passivating). * **High Integration:** As a "Network," it contains multiple resistive elements within a single package. This ensures **excellent ratio matching**, meaning if the temperature changes, all resistors in the package drift in the exact same direction and magnitude. --- ### 3. Functional Internal Structure While specific internal layouts depend on the manufacturer, these components usually consist of the following internal layers: 1. **Protective Overcoat:** An epoxy or glass layer protecting the resistive element from physical damage and oxidation. 2. **Thin Film Layer:** The actual circuit etched via photolithography to achieve precise resistance values. 3. **Internal Electrodes:** Connecting the film to the external solder pads. 4. **Wrap-around Terminations:** Providing a secure electrical connection to the PCB. --- ### 4. Typical Applications * **Instrumentation:** Signal conditioning and gain setting in precision amplifiers. * **Voltage Dividers:** Where a specific ratio must be maintained across a wide temperature range. * **Automotive Sensors:** Used in ECUs (Electronic Control Units) where high reliability and heat resistance are mandatory. ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value and pin count for this model?
    • ⤷ How does Thin Film technology compare to Thick Film in terms of performance?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?