データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-3C3-R2SLASHN

  • AI
    The part number **W2TG0-3C3-R2/N** (often stylized as W2TG0-3C3-R2\N) refers to a high-precision **Thin Film Chip Resistor** or a specific high-frequency resistor component, typically manufactured by companies like **Susumu** or similar precision component specialists. --- ### 1. Component Specification Overview This component is designed for applications requiring high stability, low noise, and precise resistance values. | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor / Precision Network | | **Material** | Metal Film on Ceramic Substrate | | **Termination** | Lead-free (RoHS Compliant) | | **Primary Application** | Precision Measurement, Telecommunications, Automotive Electronics | --- ### 2. Breakdown of Part Characteristics While part numbering conventions vary slightly by manufacturer, the **W2TG** series typically represents the following technical characteristics: #### A. Thin Film Technology Unlike standard thick film resistors, thin film resistors are created using "sputtering" techniques. This results in: * **Low Noise:** Essential for audio and sensitive signal processing. * **High Precision:** Tight tolerances (often down to 0.1% or 0.05%). * **Stability:** Very low Temperature Coefficient of Resistance (TCR). #### B. The "/N" Suffix The `\N` or `/N` suffix usually denotes a specific environmental or packaging standard: * **Non-standard testing:** May indicate specialized inspection. * **Halogen-Free:** Compliance with specific environmental safety regulations. * **Automotive Grade:** Potentially indicates AEC-Q200 qualification depending on the specific product line. --- ### 3. Key Technical Advantages 1. **Thermal Management:** These parts are designed to maintain their resistance value even as the circuit board heats up. 2. **Sulfur Resistance:** Many "W" series thin film resistors are designed to be anti-sulfurated, preventing corrosion in harsh industrial environments. 3. **High-Frequency Performance:** Due to low internal capacitance and inductance, they are excellent for RF (Radio Frequency) applications. --- ### 4. Typical Applications * **Medical Equipment:** Monitoring devices requiring high accuracy. * **Industrial Control:** PLCs and sensor interfaces. * **Power Supplies:** Used in feedback loops to ensure stable output voltage. * **Converters:** DC-DC converter circuits where efficiency and precision are paramount.
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value and tolerance for the W2TG0-3C3-R2 model?
    • ⤷ How does thin film technology differ from thick film in terms of performance?
    • ⤷ Is this part compliant with AEC-Q200 automotive standards?