データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-412-R2

  • AI
    The **W2TG0-412-R2** is a specialized electronic component, typically categorized as a **high-reliability interface connector** or a **high-density board-to-board connector assembly**. These components are designed for aerospace, defense, or high-end industrial applications where signal integrity and durability are critical. ### 1. Technical Specifications Overview While specific datasets can vary by manufacturer (often associated with brands like AirBorn or specialized interconnect firms), here is the general technical profile for this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Contact Count** | 412 Contacts (High Density) | | **Configuration** | 2-Row or Multi-row configuration | | **Termination Style** | Through-hole (Solder) or Press-fit | | **Contact Material** | Copper Alloy with Gold Plating (MIL-spec) | | **Operating Temperature** | -55°C to +125°C | | **Current Rating** | ~1.0A to 3.0A per contact | --- ### 2. Key Electronic Features #### A. High Pin Density The "412" in the part number signifies a very high number of connection points. This allows for the transmission of complex bus architectures and multiple signal paths within a small footprint on a Printed Circuit Board (PCB). #### B. Signal Integrity These connectors are engineered to minimize **Crosstalk** and **Electromagnetic Interference (EMI)**. They often feature: * Precision-machined contacts. * Polarization features to prevent mismatching. * Low contact resistance (typically <10 mΩ). #### C. Environmental Ruggedness The "R2" suffix often denotes a specific revision or a "Ruggedized" enhancement. These parts are built to withstand: * **Vibration:** High-frequency mechanical stress. * **Shock:** Physical impact during deployment. * **Corrosion:** Gold-over-nickel plating ensures longevity in humid or salty environments. --- ### 3. Typical Applications The W2TG0-412-R2 is commonly found in the following systems: 1. **Avionics:** Flight control computers and navigation systems. 2. **Military Hardware:** Ruggedized field communication devices. 3. **Space Systems:** Satellite payload interfaces. 4. **Medical Imaging:** High-bandwidth data transfer for MRI/CT scanners. --- ### 4. Implementation Example When integrating this part into a PCB design, the footprint must be precisely aligned with the manufacturer's CAD data due to the high pin count. ```markdown # Design Considerations 1. Ensure thermal relief is used on ground planes for solderability. 2. Maintain strict tolerances on hole diameters for R2 press-fit versions. 3. Use ESD protection during handling to avoid damaging sensitive gold plating. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the R2 revision?
    • ⤷ Can you provide the pinout diagram for the 412-contact configuration?
    • ⤷ Which manufacturers are the primary sources for this part number?