データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TG0-4DA-R2/N

  • AI
    The **W2TG0-4DA-R2/N** is a specific model of an **Analog Output Expansion Module**, typically used within industrial automation systems (often associated with brands like Wecon or compatible PLC ecosystems). Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. General Specifications This module is designed to convert digital signals from a PLC CPU into precise analog voltage or current signals to control devices like Variable Frequency Drives (VFDs), valves, or actuators. | Feature | Specification | | :--- | :--- | | **Output Channels** | 4 Channels | | **Output Type** | Analog (Voltage or Current) | | **Voltage Output Range** | DC 0V to +10V, 0V to +5V | | **Current Output Range** | 0mA to 20mA, 4mA to 20mA | | **Resolution** | 12-bit or 16-bit (model dependent) | | **Isolation** | Optocoupler isolation between internal and external circuits | --- ### 2. Key Electronic Components & Architecture The internal circuitry of the W2TG0-4DA-R2/N consists of several functional blocks: #### A. Digital-to-Analog Converter (DAC) The heart of the module. It receives binary data from the PLC bus and converts it into a proportional analog voltage. High-quality DACs are used to ensure low linearity error and temperature stability. #### B. Signal Conditioning & Buffering * **Operational Amplifiers (Op-Amps):** Used to scale the DAC output to the required industrial levels (e.g., boosting a 0-3V DAC signal to a 0-10V industrial signal). * **Precision Resistors:** Used in the current loop (4-20mA) generation to ensure high accuracy across different load resistances. #### C. Galvanic Isolation To protect the main PLC CPU from electrical noise or surges in the field: * **Optocouplers:** Separate the digital communication lines. * **DC-DC Converters:** Provide isolated power to the analog side of the module, preventing ground loops. #### D. Connection Interface * **R2/N Designation:** Typically refers to the specific terminal block style or the revision of the noise suppression circuitry. * **Bus Connector:** A ribbon cable or side-connector used to link the module to the PLC main unit for data exchange and 5V DC logic power. --- ### 3. Wiring Configuration | Terminal | Description | | :--- | :--- | | **24V / 0V** | External power supply input (usually DC 24V) | | **CH1 ~ CH4 (+)** | Positive analog output terminals | | **COM** | Common ground for analog signals | | **FG** | Frame Ground (Shielding) | --- ### 4. Application Use Cases 1. **Motor Speed Control:** Sending a 0-10V signal to a VFD to adjust RPM. 2. **Proportional Valves:** Controlling the opening percentage of a hydraulic or pneumatic valve. 3. **Heating Elements:** Interfacing with power controllers to regulate temperature via a 4-20mA signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported for the 4-20mA output?
    • ⤷ How do I configure the channel range between voltage and current in the PLC software?
    • ⤷ Does this module require an external 24V DC power supply to operate?