データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-012-R

  • AI
    The **W2TS-012-R** is a specific electromechanical component, typically identified as a **Miniature PCB Power Relay**. These relays are widely used in consumer electronics, HVAC systems, and industrial controls for switching power loads using a low-power control signal. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the W2TS-012-R: | Feature | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Contact Rating** | Typically 5A to 10A @ 250VAC / 30VDC | | **Mounting Type** | Through-Hole (PCB) | | **Termination** | Solder Pins | | **Enclosure** | Sealed / Flux Protection | --- ## 2. Internal Electronic Components A relay like the W2TS-012-R consists of several critical sub-parts that work together: ### A. The Control Side (Input) * **Electromagnetic Coil:** A coil of fine copper wire wrapped around an iron core. When 12V DC is applied, it creates a magnetic field. * **Yoke:** A metal piece that provides a low-reluctance path for magnetic flux. ### B. The Switching Side (Output) * **Armature:** A moving lever that is pulled toward the coil when energized. * **Contacts:** Usually made of silver alloy (e.g., AgSnO2 or AgNi) to resist "arcing" and welding during high-current switching. * **Spring:** Returns the armature to its original position once power is removed from the coil. --- ## 3. Circuit Application Guide When integrating the W2TS-012-R into an electronic circuit, the following schematic practices are recommended: ```cpp // Typical Driving Circuit Logic [MCU Pin] ---> [Resistor] ---> [Base of NPN Transistor] | V [Relay Coil (12V)] || [Flyback Diode] | [Ground] ``` ### Key Considerations: 1. **Flyback Diode:** Always place a diode (e.g., 1N4148 or 1N4007) in parallel with the coil (cathode to positive) to protect your driver circuit from high-voltage spikes when the relay turns off. 2. **Isolation:** The primary benefit of this part is **Galvanic Isolation**, meaning the high-voltage AC side is physically separated from your low-voltage DC control side. --- ## 4. Common Use Cases * **Smart Home:** Controlling light bulbs or small fans via a microcontroller (ESP32/Arduino). * **Industrial:** Controlling solenoid valves or small motors. * **Automotive:** Handling 12V auxiliary power systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2TS-012-R?
    • ⤷ How do I calculate the required base resistor for a transistor driving this relay?
    • ⤷ Are there surface-mount (SMD) equivalents for this specific power relay?