データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-012-R2/N

  • AI
    The **W2TS-012-R2/N** is a specific model of a **Miniature High-Power Relay**, typically manufactured by companies like **Wong's** (or similar specialized relay manufacturers). These components are widely used in automotive electronics, industrial automation, and household appliances. --- ## 1. Technical Specifications The following table outlines the primary electronic characteristics of the W2TS-012-R2/N: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Coil Voltage** | 12V DC | The voltage required to energize the relay. | | **Contact Form** | 1 Form C (SPDT) | Includes one Common (COM), one Normally Closed (NC), and one Normally Open (NO) terminal. | | **Contact Rating** | 10A / 12A | Maximum current capacity for switching loads. | | **Voltage Rating** | 120VAC / 24VDC | Maximum voltage the contacts can safely interrupt. | | **Mounting Type** | Through-Hole (PCB) | Designed for soldering directly onto a Printed Circuit Board. | | **Enclosure** | Sealed / Flux-Tight | Protects internal parts from dust and soldering flux. | --- ## 2. Internal Electronic Structure The device consists of three main electronic sub-assemblies: ### A. The Coil (Actuator) * **Winding:** A fine copper wire coil rated for **12V DC**. * **Function:** When current flows through the coil, it generates an electromagnetic field that pulls an internal armature. ### B. Contact System (Switching) * **Material:** Usually Silver Alloy (AgSnO2 or AgNi). This prevents "pitting" and welding of the contacts under high loads. * **Configuration:** * **NC (Normally Closed):** Connected to COM when the relay is OFF. * **NO (Normally Open):** Connects to COM when 12V is applied to the coil. ### C. Mechanical / Protective Components * **Return Spring:** Ensures the armature returns to its original position when power is removed. * **R2/N Suffix:** Often denotes specific compliance or terminal plating (such as RoHS compliance or specific silver-nickel contact material). --- ## 3. Pinout Configuration Typically, this relay follows a standard 5-pin footprint: 1. **Pin 1 & 2 (Coil):** Input pins for the 12V DC trigger. 2. **Pin 3 (Common):** The moving contact connected to the load. 3. **Pin 4 (Normally Closed):** The path active by default. 4. **Pin 5 (Normally Open):** The path active when energized. --- ## 4. Typical Applications * **Automotive:** Controlling power windows, door locks, or fuel pumps. * **Smart Home:** Integrated into smart plugs or thermostats to switch AC mains power. * **Industrial:** Interfacing low-voltage microcontrollers (like Arduino/ESP32) with high-voltage machinery.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay model?
    • ⤷ Can I use a flyback diode with the 12V coil circuit?
    • ⤷ What are the physical dimensions of the W2TS-012-R2/N for PCB layout?