データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-0AB-R/Q

  • AI
    The **W2TS-0AB-R/Q** refers to a high-performance **Fiber Optic Transceiver** module, typically belonging to the **QSFP28** (Quad Small Form-factor Pluggable) family. These components are essential in high-speed data networking, such as 100G Ethernet applications. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and optical characteristics of the W2TS series: | Parameter | Specification | | :--- | :--- | | **Form Factor** | QSFP28 | | **Data Rate** | 100 Gbps (4 x 25G lanes) | | **Wavelength** | 1310 nm (Typical for LR4/CWDM4) | | **Connector Type** | Duplex LC or MPO/MTP | | **Power Supply** | 3.3V | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | | **Transmission Distance** | Up to 10km (depending on specific sub-variant) | --- ### 2. Internal Electronic Components The module consists of several sophisticated electronic sub-assemblies: #### A. The Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Converts electrical signals into optical signals using high-speed lasers (often DFB or EML). * **ROSA (Receiver Optical Sub-Assembly):** Converts incoming light back into electrical signals using high-sensitivity Photodiodes (PIN or APD) and a Transimpedance Amplifier (TIA). #### B. Integrated Circuits (ICs) * **Clock and Data Recovery (CDR):** Resets the timing of the high-speed data signals to eliminate jitter before transmission. * **Laser Driver:** Modulates the laser at speeds up to 25Gbps per channel. * **Microcontroller:** Manages the **Digital Diagnostic Monitoring (DDM)**, allowing the host system to monitor temperature, voltage, and bias current in real-time. --- ### 3. Application and Usage These parts are predominantly used in: 1. **Data Center Interconnects:** Linking high-capacity switches and routers. 2. **Enterprise Networking:** High-bandwidth backbone links. 3. **Telecommunications:** 100G Ethernet transport over single-mode fiber. --- ### 4. Part Number Suffix Meanings * **-R:** Generally indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. * **-Q:** Often refers to the **Industrial** or **Qualified** testing standards, or specifically denotes the **QSFP** architecture.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption for the W2TS-0AB-R/Q module?
    • ⤷ Is this module compatible with Single-Mode or Multi-Mode fiber?
    • ⤷ How does Digital Diagnostic Monitoring (DDM) benefit network administrators?