データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-113-R2

  • AI
    The **W2TS-113-R2** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or part of a **Resistor Network** series (often associated with manufacturers like Vishay or Susumu in specific configurations). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The "W2TS" series generally refers to wire-bondable thin-film resistors designed for hybrid microelectronic assemblies. | Feature | Typical Specification | | :--- | :--- | | **Material** | Tantalum Nitride (TaN) or Nichrome (NiCr) | | **Resistance Range** | Often custom-trimmed (10 $\Omega$ to 1 M$\Omega$) | | **Tolerance** | $\pm$0.1% to $\pm$5% | | **TCR (Temp. Coefficient)** | $\pm$25 ppm/°C to $\pm$100 ppm/°C | | **Substrate** | Silicon, Alumina, or Quartz | | **Termination** | Gold (Au) for wire bonding | --- ## 2. Key Electronic Features ### A. Thin Film Technology Unlike standard thick film resistors, the W2TS series uses thin-film deposition. This results in: * **Lower Noise:** Reduced thermal and current noise. * **High Stability:** Excellent performance over long periods and varying temperatures. * **Precision:** Ability to achieve very tight tolerances through laser trimming. ### B. Moisture Resistance If the part uses Tantalum Nitride, it provides a self-passivating layer. This makes the component highly resistant to moisture and electrolytic corrosion, which is critical for military or aerospace applications. ### C. Wire-Bondable Design The "R2" suffix often denotes the specific pad layout or the revision of the chip design. These parts are not meant for standard SMT (Surface Mount Technology) soldering; instead, they are designed for: * **Gold Ball Bonding** * **Aluminum Wedge Bonding** --- ## 3. Common Applications Due to its small form factor and high reliability, the W2TS-113-R2 is commonly found in: 1. **Hybrid Microcircuits:** Integrating multiple chips onto a single ceramic substrate. 2. **Medical Electronics:** Used in implantable devices where space and reliability are paramount. 3. **RF/Microwave Modules:** Low parasitic capacitance makes them suitable for high-frequency signals. 4. **Sensors:** Precision voltage division in industrial sensor modules. --- ## 4. Handling and Assembly Since these parts are often bare die or chip-scale components: * **ESD Sensitivity:** Highly sensitive to static; must be handled in ESD-protected areas. * **Storage:** Should be stored in nitrogen-purged cabinets or vacuum-sealed bags to prevent oxidation of the gold pads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Tantalum Nitride and Nichrome thin films?
    • ⤷ How does wire bonding compare to traditional SMT soldering for this part?
    • ⤷ Can this component be used in high-frequency RF applications?