AI

The **W2TS-11B-R2** is a specific part number typically associated with high-performance **Industrial AC Axial Fans**, often manufactured by brands like **Wizmart** or distributed for use in server racks, industrial control cabinets, and cooling systems.
---
### 1. Technical Specifications
The "W2TS" series generally represents a 120mm x 120mm x 38mm form factor, which is the industry standard for high-airflow cooling.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 110V / 120V AC (50/60Hz) |
| **Current / Power** | ~0.14A - 0.25A / 18W - 22W |
| **Bearing Type** | Dual Ball Bearing (indicated by 'B') |
| **Frame Material** | Die-cast Aluminum (Painted Black) |
| **Impeller Material** | Thermoplastic PBT (UL 94V-0) |
| **Termination** | Lead Wires (indicated by '11B') |
| **Speed** | 2,600 - 3,000 RPM |
| **Airflow** | 80 - 105 CFM |
---
### 2. Breakdown of the Model Number
While nomenclature varies slightly by manufacturer, here is the standard electronic breakdown for this series:
* **W2TS**: Series designation (likely 120mm AC high-speed fan).
* **11**: Voltage code (1 = 110/120V AC).
* **B**: **Ball Bearing**. This is critical for industrial use as ball bearings offer a longer lifespan (approx. 50,000+ hours) and allow the fan to be mounted in any orientation.
* **R2**: Revision or specific impedance protection rating.
---
### 3. Key Features
1. **Impedance Protection:** The motor is designed to resist burnout even if the blades are physically restricted (locked rotor protection).
2. **Dielectric Strength:** Usually rated for 1500V AC for 1 minute between the frame and terminals, ensuring safety in high-voltage cabinets.
3. **Environmental Resistance:** The aluminum frame acts as a heat sink for the motor, allowing it to operate in ambient temperatures up to 70°C.
---
### 4. Wiring Diagram (Standard AC)
Since this is an AC fan, it does not require a DC power supply or polarity management.
```text
[ AC Power L ] -------- (Black Wire) ---- [ Motor ]
[ AC Power N ] -------- (Black Wire) ---- [ Motor ]
[ Ground ] -------- (Green/Yellow) -- [ Frame ] (If applicable)
```
---
- ⤷
What are the differences between ball bearing and sleeve bearing versions of this fan?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What are the mounting hole dimensions for a standard 120mm industrial fan?