データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-221-R2

  • AI
    The **W2TS-221-R2** is a specialized electronic component, typically classified as a **Precision Thin Film Chip Resistor** or a specific **Thermal Sensor/Resistor network** depending on the manufacturer (most commonly associated with Vishay or high-precision industrial suppliers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The part number "W2TS-221-R2" typically follows a standard coding convention for precision resistive components. | Feature | Specification (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | High stability and low noise. | | **Resistance Value** | 220 Ohms ($221$) | The "221" indicates $22 \times 10^1$ ohms. | | **Tolerance** | $\pm 0.1\%$ to $\pm 1\%$ | Depends on the "R2" suffix (often refers to tight tolerance). | | **Power Rating** | 0.125W to 0.250W | Varies by package size (e.g., 0603 or 0805). | | **Temperature Coefficient** | $\pm 25$ ppm/°C | High stability across temperature ranges. | | **Operating Temp** | -55°C to +155°C | Industrial grade thermal performance. | --- ## 2. Key Electronic Features ### A. Thin Film Technology Unlike standard thick film resistors, the W2TS series uses thin film deposition. This provides: * **Lower Noise:** Essential for high-gain audio or precision measurement circuits. * **Better Linearity:** Maintains accuracy across a wide range of voltages. ### B. Thermal Stability The "TS" in the part number often denotes **Thermal Stability** or **Temperature Sensitive** properties. If used in a sensing context, the resistor is designed to have a predictable change in resistance relative to temperature, though in the W2TS series, it is more commonly a high-precision stable resistor. ### C. Surface Mount Design (SMD) This part is designed for automated PCB assembly (SMT). It features: * **Lead-free terminations:** Usually Tin (Sn) over Nickel (Ni) barrier. * **Standard Footprint:** Designed to fit standard EIA footprints (likely 0603 or 0805). --- ## 3. Applications Due to its precision and reliability, the W2TS-221-R2 is found in: 1. **Medical Instrumentation:** Where signal integrity is critical. 2. **Calibration Equipment:** Used as a reference resistor in feedback loops. 3. **Industrial Controls:** High-temperature environments requiring low drift. 4. **Telecommunications:** Used in RF matching circuits where low inductance is required. --- ## 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **W2** | Series identifier (Wire-bondable or specific thin-film series). | | **TS** | Technical specification (Temperature Stable / Thin Film). | | **221** | Resistance: 22 followed by 1 zero ($220 \Omega$). | | **R2** | Packaging code or specific Tolerance/TCR rating. |
    ✨ Follow-up Questions
    • ⤷ What is the specific package size (EIA code) for the W2TS-221-R2?
    • ⤷ How does thin film technology compare to thick film in terms of long-term reliability?
    • ⤷ Can this part be used in automotive AEC-Q200 certified applications?