データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-223-R

  • AI
    The **W2TS-223-R** is an electronic component, specifically a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices where a physical user interface is required to close a circuit momentarily. --- ### 1. Key Technical Specifications Below are the typical specifications for the W2TS series tactile switches: | Feature | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Circuit Type** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Actuation Force** | Typically 160gf to 250gf (varies by sub-model) | | **Dimensions** | 2.0mm x 3.0mm (approximate footprint) | | **Contact Material** | Silver plated or Gold plated options | | **Operating Life** | 100,000 to 300,000 cycles | --- ### 2. Functional Characteristics The "W2TS" series is characterized by its miniature footprint and "Side-Actuated" or "Top-Actuated" design, depending on the specific orientation suffix. * **Tactile Feedback:** It provides a distinct "click" sensation to the user, confirming that the switch has been depressed and the signal sent. * **Sealing:** The "R" in the suffix often indicates **RoHS compliance** or specific **Tape & Reel** packaging for automated pick-and-place assembly. * **Low Profile:** Designed for space-constrained applications like smartphones, wearables, and remote controls. --- ### 3. Pin Configuration and Internal Structure The switch typically features a four-pin or two-pin layout designed for stability on a PCB. ```mermaid graph LR A[Button/Plunger] --> B[Metal Dome] B --> C[Contact Points] C --> D[PCB Terminals] ``` * **Metal Dome:** This is the heart of the switch. When pressed, the dome collapses (creating the tactile feel) and bridges the gap between two contacts to complete the circuit. * **Housing:** Usually made of high-temperature thermoplastic (LCP or Nylon) to withstand reflow soldering temperatures. --- ### 4. Common Applications Due to its small size and reliability, the W2TS-223-R is found in: 1. **Consumer Electronics:** Volume buttons, power buttons on tablets. 2. **Wearables:** Smartwatches and fitness trackers. 3. **Peripheral Devices:** Computer mice or specialized gaming controllers. 4. **Medical:** Portable diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current and voltage rating for the W2TS-223-R?
    • ⤷ What is the recommended reflow soldering temperature profile for this switch?
    • ⤷ Does this model come in different actuation force (gf) variants?