データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-311-R2SLASHN

  • AI
    The **W2TS-311-R2** is a specialized electronic component, typically categorized as a **Terminal Block** or a **Wiring Interface Module**, often used in industrial automation and control systems. These modules are designed to bridge the gap between high-density PLC/Controller connectors and standard field wiring. --- ### 1. General Specifications While specific manufacturer datasheets may vary slightly, the "W2TS" series generally follows these technical parameters: | Parameter | Typical Specification | | :--- | :--- | | **Mounting Type** | DIN Rail (35mm) | | **Connector Type** | MIL-C-83503 / IDC Header | | **Number of Poles** | Usually 20, 34, or 40 pins (Check suffix) | | **Rated Voltage** | 125V AC / DC | | **Rated Current** | 1A per terminal | | **Terminal Pitch** | 5.0mm or 5.08mm | | **Wire Size** | 22-14 AWG | --- ### 2. Electronic Architecture The internal electronic layout of the W2TS-311-R2 is designed for signal integrity and ease of maintenance: * **PCB Interface:** The unit consists of a Printed Circuit Board (PCB) that maps the pins from a high-density connector (like a 40-pin ribbon cable) to individual screw terminals. * **Point-to-Point Wiring:** In the "-R2" revision, the wiring is typically a 1:1 direct mapping, ensuring that input/output signals from a PLC remain organized. * **Protection:** High-quality versions often include a flame-retardant plastic housing (UL94V-0) to protect the exposed PCB from dust and accidental shorts. --- ### 3. Key Features 1. **Space Efficiency:** It reduces the footprint required in a control cabinet by consolidating 20-40 wire connections into a single compact block. 2. **Ease of Replacement:** Because it uses a plug-and-play header for the controller side, a faulty module or controller can be swapped without rewiring every individual field device. 3. **Labeling:** Most units come with pre-printed numbering (1, 2, 3... or A1, B1...) to match the PLC's addressing scheme, reducing human error during installation. --- ### 4. Common Applications * **PLC I/O Expansion:** Connecting Mitsubishi, Omron, or Siemens PLC high-density cards to sensors. * **CNC Machinery:** Distributing control signals to servo drives. * **Test Benches:** Providing a clean interface for data acquisition systems. ---
    ✨ Follow-up Questions
    • What is the pin configuration for the W2TS-311-R2 connector?
    • How does the R2 revision differ from the standard W2TS-311 model?
    • Which PLC brands are most compatible with this terminal module?