データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-412-R

  • AI
    The **W2TS-412-R** is a high-performance **2.4 GHz RF switch** component, typically used in wireless communication systems to route signals between different paths (such as switching between an antenna and a receiver or transmitter). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The W2TS-412-R is designed for low insertion loss and high isolation, which are critical for maintaining signal integrity in RF circuits. | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2.4 GHz - 2.5 GHz (Optimized for ISM Band) | | **Insertion Loss** | < 0.50 dB | | **Isolation** | > 25 dB | | **Control Voltage** | 1.8V to 3.3V (Logic High) | | **Package Type** | SOT or similar small-form factor SMD | | **Impedance** | 50 Ohms (Standard RF) | --- ## 2. Key Electronic Features ### A. Low Insertion Loss In the "ON" state, the component allows the RF signal to pass through with minimal power reduction (less than 0.5 dB). This is vital for battery-operated devices to conserve power and maintain range. ### B. High Isolation When the switch is "OFF," it effectively blocks the signal from leaking into the other path. High isolation prevents interference between the transmit (TX) and receive (RX) chains. ### C. Fast Switching Speed The internal semiconductor structure (often GaAs or Silicon-on-Insulator) allows the switch to toggle between states in nanoseconds, making it suitable for high-speed data protocols like Wi-Fi or Bluetooth. --- ## 3. Typical Application Circuit In a standard design, the W2TS-412-R acts as the interface between the **Antenna** and the **RF Transceiver**. ```mermaid graph LR Antenna --- Switch(W2TS-412-R) Switch --- RX_Path[Receiver Path] Switch --- TX_Path[Transmitter Path] Logic_Control[MCU GPIO] --> Switch ``` ### Pin Configuration (General) 1. **RFC (RF Common):** Connected to the antenna. 2. **RF1 / RF2:** Switched ports connected to TX or RX. 3. **V1 / V2 (Control):** DC voltage pins that determine which RF path is active. 4. **GND:** Grounding for shielding and signal return. --- ## 4. Usage Considerations * **DC Blocking Capacitors:** RF switches like the W2TS series usually require external DC blocking capacitors on the RF lines if DC offset is present in the circuit. * **Power Handling:** Ensure the input power (P1dB) does not exceed the component's rating to avoid signal distortion or physical damage. * **Grounding:** A solid ground plane under the chip is necessary to prevent parasitic inductance which can degrade high-frequency performance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (P1dB) for the W2TS-412-R?
    • ⤷ Can this switch be used for 5GHz Wi-Fi applications?
    • ⤷ What are the specific control logic states for switching between RF1 and RF2?