データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-41A-R2

  • AI
    The **W2TS-41A-R2** is a specific model of an industrial-grade **Terminal Block with Electronic Components**, typically used in automation, PLC interfacing, and control cabinet wiring. It is manufactured by companies like **Wago** or **Wandfluh** (depending on the specific series context), but most commonly refers to a DIN-rail mounted relay or interface module. --- ### 1. Key Technical Specifications Below are the general electronic characteristics associated with this part number: | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block / Relay Module | | **Input Voltage** | Typically 24V DC (Standard for "41A" series) | | **Contact Rating** | 6A to 10A (Depending on the load type) | | **Mounting Style** | DIN Rail (TS-35) | | **Wiring Method** | Screw or Cage Clamp terminals | | **Status Indication** | Integrated LED (Green/Red) | --- ### 2. Main Electronic Components The internal architecture of the W2TS-41A-R2 consists of several critical electronic parts: #### A. The Electromechanical Relay The core of the unit is a subminiature relay. This allows a low-power control signal (e.g., from a PLC) to switch a high-power load. It provides **galvanic isolation** between the control circuit and the load circuit. #### B. Protection Diode (Flyback Diode) Since the relay coil is an inductor, it generates a high-voltage spike when turned off. The module includes an internal diode connected in parallel with the coil to suppress this spike, protecting the upstream transistor or PLC output. #### C. LED Indicator Circuit A low-current LED is integrated into the input side. This provides visual feedback to technicians, indicating whether the control signal is active. #### D. Polarity Protection Internal circuitry often includes a bridge rectifier or a steering diode to ensure the module operates correctly even if the DC input wires are accidentally swapped. --- ### 3. Application Use Cases The W2TS-41A-R2 is utilized in environments requiring high reliability: 1. **PLC Output Buffering:** Protecting delicate PLC outputs from inductive motor loads. 2. **Signal Multiplication:** Using one input signal to switch multiple isolated outputs. 3. **Voltage Level Shifting:** Converting a 24V DC signal to switch a 230V AC load. --- ### 4. Connection Diagram Example While specific pinouts depend on the manufacturer, the general logic is as follows: ```markdown [ Control Side (Input) ] [ Load Side (Output) ] (A1) +24V DC --------------------| |--- (11) Common (A2) 0V (GND) -------------------| |--- (14) Normally Open (NO) | |--- (12) Normally Closed (NC) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay module?
    • ⤷ Are there specific environmental certifications like IP67 or UL for this part?
    • ⤷ How does this model compare to the R1 version in terms of power consumption?