データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2TS-4BA-R2

  • AI
    The **W2TS-4BA-R2** is a specialized electronic component, typically categorized as a **Temperature sensor/converter module** or a **Signal Conditioner** used in industrial automation and control systems. It is commonly associated with brands like **M-System** or similar manufacturers of instrumentation interfaces. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The W2TS series is designed to convert temperature signals (usually from a Thermocouple or RTD) into a standard DC output signal. | Feature | Description | | :--- | :--- | | **Model Type** | Ultra-slim Signal Conditioner (W2 Series) | | **Input Type** | Temperature (Typically RTD or Thermocouple) | | **Output Type** | Dual or Single Output (Standard DC Voltage/Current) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Installation** | DIN Rail Mounting | --- ### 2. Part Number Breakdown (W2TS-4BA-R2) While specific codes can vary by manufacturer revisions, the typical breakdown for this nomenclature is as follows: | Code | Meaning | | :--- | :--- | | **W2TS** | Series identifier (Signal Conditioner / Temp Transmitter) | | **4** | **Input Type:** Often designates a specific RTD (like Pt100) | | **B** | **Output 1:** Typically 2–10V DC or 4–20mA (check specific datasheet) | | **A** | **Output 2:** Often designates a 4–20mA DC current loop | | **R** | **Power Input:** Often signifies 24V DC power supply | | **2** | **Revision/Option:** Indicates a specific accuracy class or additional feature | --- ### 3. Key Electronic Components & Internal Design The device is composed of three main internal stages to ensure signal integrity: 1. **Input Front-End:** * **A/D Converter:** Converts the analog millivolt signal from the sensor into digital data. * **Cold Junction Compensation (CJC):** If used with thermocouples, it includes a thermistor to compensate for ambient temperature at the terminals. * **Burnout Protection:** A circuit that forces the output to a specific level (high or low) if the sensor wire breaks. 2. **Isolation Barrier:** * **Opto-couplers or Transformers:** Provides high-voltage isolation (often up to 2000V AC) between the field sensor and the PLC/Controller to prevent ground loops. 3. **Output Stage:** * **D/A Converter:** Translates the processed signal back to an analog voltage or current. * **Precision Operational Amplifiers:** Ensures the output is linear and stable against load fluctuations. --- ### 4. Technical Summary Table | Parameter | Typical Value | | :--- | :--- | | **Accuracy** | ±0.1% to ±0.2% of span | | **Response Time** | ≤ 0.5 seconds | | **Isolation Resistance** | 100 MΩ minimum at 500V DC | | **Operating Temp** | -5°C to +55°C | | **Housing Material** | Flame-resistant resin (Black) | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input sensor type (RTD or Thermocouple) for the '4' designation in this model?
    • ⤷ Does the W2TS-4BA-R2 require external configuration software or is it hardware-calibrated?
    • ⤷ What is the maximum power consumption for the 24V DC version of this module?