データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2VS-2115-R2

  • AI
    The **W2VS-2115-R2** is a specific electronic component, typically categorized as a **Signal Conditioner** or **Isolator**, often produced by manufacturers like *Watanabe Electric Industry*. These devices are designed to convert, isolate, and transmit analog signals in industrial automation environments. --- ### 1. General Specifications The W2VS series is known for its "plug-in" style high-performance signal conversion. Below are the typical electronic characteristics of this model: | Feature | Specification | | :--- | :--- | | **Component Type** | Signal Conditioner / Isolator | | **Input Signal** | DC Voltage or Current (Variable depending on sub-code) | | **Output Signal** | Dual Isolated DC Outputs | | **Power Supply** | Typically 100-240V AC or 24V DC | | **Mounting** | DIN Rail or Wall Mount (Plug-in base) | | **Accuracy** | ±0.1% of span | --- ### 2. Key Electronic Functions #### A. Signal Isolation The "2" in the suffix often indicates a **Dual Output** configuration. The primary electronic purpose is to provide "Galvanic Isolation" between the input, output 1, output 2, and the power supply. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. #### B. Signal Conversion It acts as a transducer. For example, it can take a 4-20mA sensor signal and convert it into two separate 1-5V DC signals for different monitoring devices. #### C. Active Filtering The internal circuitry includes low-pass filters to remove high-frequency noise from industrial machinery, ensuring the output signal is smooth and accurate. --- ### 3. Connection Diagram (Standard Representation) To integrate this part, the wiring typically follows this logic: ```mermaid graph LR A[Sensor Input] --> B[W2VS-2115-R2] B --> C[Output 1: PLC] B --> D[Output 2: Local Display] E[Power Supply] --> B ``` --- ### 4. Application Use-Cases * **Safety Buffering:** Protecting expensive control systems from field-side electrical faults. * **Signal Splitting:** Sending one sensor reading to two different locations without losing signal integrity. * **Impedance Matching:** Converting a high-impedance voltage signal to a low-impedance current loop for long-distance transmission.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output voltage ranges for the R2 variant?
    • ⤷ How do I calibrate the Zero and Span on this device?
    • ⤷ Does this model support 24V DC power supply input?