データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • W2VS-221-R

  • AI
    The **W2VS-221-R** is a specific model within the series of high-precision **Signal Conditioners** (specifically Isolators/Transmitters) manufactured by companies like **M-System**. These devices are critical in industrial automation for signal conversion and electrical isolation. --- ## 1. Technical Specifications The model code "W2VS-221-R" typically breaks down into specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Model Type** | Ultra-slim Signal Conditioner (Isolator) | | **Input Signal** | 4 – 20 mA DC | | **Output 1** | 4 – 20 mA DC | | **Output 2** | 4 – 20 mA DC | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (input to output to power) | | **Accuracy** | ±0.1% | --- ## 2. Key Electronic Components & Functions The internal circuitry of a W2VS-221-R consists of several functional blocks designed for signal integrity: ### A. Input Conditioning Circuit * **Precision Resistors:** Converts the input current (4-20mA) into a voltage signal that the internal processor can read. * **Surge Protection:** Includes Zener diodes or Varistors to protect the unit from industrial spikes. ### B. Isolation Barrier (Galvanic Isolation) * **Opto-couplers / Transformers:** This is the "heart" of the device. It uses light or magnetic induction to transfer the signal across a physical gap. * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. ### C. Output Driver Stage * **Operational Amplifiers (Op-Amps):** Used to scale and linearize the signal to ensure the 4-20mA output exactly matches the input. * **Transistor Buffers:** Provides the necessary current drive to push the signal through long cable runs (load resistance). ### D. Power Supply Module * **DC/DC Converter:** Converts the 24V DC input into various internal voltages. It ensures that the power section is also isolated from the signal sections. --- ## 3. Physical & Wiring Features The device is designed for high-density DIN rail mounting. * **Front Panel:** Usually contains a power LED and "Zero/Span" adjustment potentiometers for fine-tuning the output calibration. * **Connection Terminals:** M3 screw terminals for secure industrial wiring. ### Basic Wiring Diagram Block ```text [ Field Sensor ] ----> [ Input (1-2) ] | [ W2VS-221-R ] ----> [ Output 1 (5-6) ] to PLC | ----> [ Output 2 (7-8) ] to Indicator [ 24V DC Power ] ----> [ Power (3-4) ] ``` --- ## 4. Typical Applications * **Signal Splitting:** Taking one 4-20mA sensor signal and providing two independent 4-20mA outputs (e.g., one for a controller and one for a local display). * **Noise Reduction:** Eliminating electrical noise interference in long-distance signal transmissions. * **Impedance Matching:** Connecting a high-impedance source to a low-impedance load.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the W2VS-221-R?
    • ⤷ What is the maximum load resistance supported by the 4-20mA outputs?
    • ⤷ Can this model be used with voltage inputs instead of current?